Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMR3003 Datasheet(PDF) 5 Page - MultiDimension Technology Co.,Ltd.

Part # AMR3003
Description  Dual Axis AMR Magnetic Angle Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.

AMR3003 Datasheet(HTML) 5 Page - MultiDimension Technology Co.,Ltd.

  AMR3003 Datasheet HTML 1Page - MultiDimension Technology Co.,Ltd. AMR3003 Datasheet HTML 2Page - MultiDimension Technology Co.,Ltd. AMR3003 Datasheet HTML 3Page - MultiDimension Technology Co.,Ltd. AMR3003 Datasheet HTML 4Page - MultiDimension Technology Co.,Ltd. AMR3003 Datasheet HTML 5Page - MultiDimension Technology Co.,Ltd. AMR3003 Datasheet HTML 6Page - MultiDimension Technology Co.,Ltd. AMR3003 Datasheet HTML 7Page - MultiDimension Technology Co.,Ltd. AMR3003 Datasheet HTML 8Page - MultiDimension Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3. Absolute Maximum Ratings
Parameters
Symbol
Condition
Min.
Max.
Unit
Supply voltage
VCC
TA = 25 °C
-
19
V
Magnetic flux density
B
TA = 25 °C
-
4000
Gs
Operating ambient temperature
TA
-
-40
125
°C
Storage ambient temperature
TSTG
-
-40
150
°C
4. Electrical Specifications
VCC = 5 V, TA= 25 °C, unless specified otherwise
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply voltage
VCC
Operating
-
5
18
V
Bridge resistance
RB
Resistance between VCC and GND;
B = 700 Gs, Room temperature
-
350
-
Ω
Magnetic field angle range θrange
-
0
-
180
°
Peak voltage
VPEAK
VCC = 5 V, B = 700 Gs, Room temperature
-
16
-
mV/V
Offset voltage
VOFFSET VCC = 5 V, B = 700 Gs, Room temperature
-5
-
5
mV/V
Angular error
Δθ
Operating
-
0.1
-
°
Operation coefficient of
bridge resistance
TCRB
TA = -40 °C to 125 °C
-
2500
-
PPM/°C
Operation coefficient of
peak voltage
TCVPEAK
TA = -40 °C to 125 °C
-
-4250
-
PPM/°C
Operation coefficient of
offset voltage
TCVOFF
TA = -40 °C to 125 °C
-
40
-
μV/V/°C
MultiDimension Technology Co., Ltd.
http://www.dowaytech.com/en/
AMR3003
Dual Axis AMR Magnetic Angle Sensor
05



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com