Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR130 Datasheet(PDF) 1 Page - Analog Devices

Part # ADR130
Description  Precision Series Sub-Band Gap Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR130 Datasheet(HTML) 1 Page - Analog Devices

  ADR130 Datasheet HTML 1Page - Analog Devices ADR130 Datasheet HTML 2Page - Analog Devices ADR130 Datasheet HTML 3Page - Analog Devices ADR130 Datasheet HTML 4Page - Analog Devices ADR130 Datasheet HTML 5Page - Analog Devices ADR130 Datasheet HTML 6Page - Analog Devices ADR130 Datasheet HTML 7Page - Analog Devices ADR130 Datasheet HTML 8Page - Analog Devices ADR130 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Precision Series Sub-Band Gap
Voltage Reference
ADR130
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Initial accuracy
A grade: +0.70% (maximum)
B grade: +0.35% (maximum)
Maximum temperature coefficient
A grade: 50 ppm/°C
B grade: 25 ppm/°C
CLOAD = 50 nF to 10 μF
Output current: +4 mA/−2 mA
Low operating current: 80 μA (typical)
Output noise: 6 μV p-p @ 1.0 V output
Input range: 2.0 V to 18 V
Temperature range: −40°C to +125°C
Tiny, Pb-free TSOT package
APPLICATIONS
Battery-powered instrumentation
Portable medical equipment
Communication infrastructure equipment
PIN CONFIGURATION
NC = NO CONNECT
ADR130
TOP VIEW
(Not to Scale)
NC
1
NC
6
GND
2
SET
5
VIN 3
VOUT
4
Figure 1. 6-Lead TSOT (UJ-6)
GENERAL DESCRIPTION
The ADR130 is the industry’s first family of tiny, micropower,
low voltage, high precision voltage references. Featuring 0.35%
initial accuracy and 25 ppm/°C of temperature drift in the tiny
TSOT-23 package, the ADR130 voltage reference only requires
80 μA for typical operation. The ADR130 design includes a
patented temperature drift curvature correction technique that
minimizes the nonlinearities in the output voltage vs. tempera-
ture characteristics.
Available in the industrial temperature range of −40°C to
+125°C, the ADR130 is housed in a tiny TSOT package.
For 0.5 V output, tie SET (Pin 5) to VOUT (Pin 4). For 1.0 V
output, tie SET (Pin 5) to GND (Pin 2).


Similar Part No. - ADR130

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR130 AD-ADR130_15 Datasheet
621Kb / 16P
Precision Series Sub-Band Gap Voltage Reference
Rev. C
More results

Similar Description - ADR130

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM169 NSC-LM169 Datasheet
262Kb / 14P
Precision Voltage Reference
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
Precision Voltage Reference
logo
Analog Devices
ADR130 AD-ADR130_15 Datasheet
621Kb / 16P
Precision Series Sub-Band Gap Voltage Reference
Rev. C
logo
DATEL, Inc.
PVR-1515SM DATEL-PVR-1515SM Datasheet
98Kb / 1P
Precision Voltage Reference
PVR-0540SM DATEL-PVR-0540SM Datasheet
91Kb / 1P
Precision Voltage Reference
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com