Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR130 Datasheet(PDF) 9 Page - Analog Devices

Part # ADR130
Description  Precision Series Sub-Band Gap Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR130 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADR130 Datasheet HTML 5Page - Analog Devices ADR130 Datasheet HTML 6Page - Analog Devices ADR130 Datasheet HTML 7Page - Analog Devices ADR130 Datasheet HTML 8Page - Analog Devices ADR130 Datasheet HTML 9Page - Analog Devices ADR130 Datasheet HTML 10Page - Analog Devices ADR130 Datasheet HTML 11Page - Analog Devices ADR130 Datasheet HTML 12Page - Analog Devices ADR130 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADR130
Rev. 0 | Page 9 of 16
CIN = COUT = 0.1µF
TIME (1s/DIV)
CH1 PEAK-TO-PEAK 172µV
Figure 20. 10 Hz to 10 kHz Noise, VOUT = 0.5 V
VIN = 1V/DIV
TIME (40µs/DIV)
VOUT 200mV/DIV
CIN = COUT = 0.1µF
Figure 21. Turn-On Response, VOUT = 0.5 V
VIN = 1V/DIV
CIN = COUT = 0.1µF
TIME (10ms/DIV)
VOUT = 200mV/DIV
Figure 22. Turn-Off Response, VOUT = 0.5 V
CIN = COUT = 0.1µF
TIME (1s/DIV)
PEAK-TO-PEAK
291µV
Figure 23. 10 Hz to 10 kHz Noise, VOUT = 1 V
VIN = 1V/DIV
VOUT = 500mV/DIV
TIME (40µs/DIV)
CIN = COUT = 0.1µF
Figure 24. Turn-On Response, VOUT = 1 V
VIN = 1V/DIV
VOUT = 500mV/DIV
TIME (400µs/DIV)
CIN = COUT = 0.1µF
Figure 25. Turn-Off Response, VOUT = 1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com