Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR130 Datasheet(PDF) 11 Page - Analog Devices

Part # ADR130
Description  Precision Series Sub-Band Gap Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR130 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADR130 Datasheet HTML 7Page - Analog Devices ADR130 Datasheet HTML 8Page - Analog Devices ADR130 Datasheet HTML 9Page - Analog Devices ADR130 Datasheet HTML 10Page - Analog Devices ADR130 Datasheet HTML 11Page - Analog Devices ADR130 Datasheet HTML 12Page - Analog Devices ADR130 Datasheet HTML 13Page - Analog Devices ADR130 Datasheet HTML 14Page - Analog Devices ADR130 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADR130
Rev. 0 | Page 11 of 16
TERMINOLOGY
Temperature Coefficient
Temperature coefficient is the change of output voltage with
respect to the operating temperature change normalized by the
output voltage at 25°C. This parameter is expressed in ppm/°C
and is determined by
[]
( )
( )
()
()
6
10
C
25
C
ppm/
×
−
×
°
−
=
°
1
2
O
1
O
2
O
O
T
T
V
T
V
T
V
TCV
where:
VO
(25°C) = VO at 25°C.
VO(T1)
= VO at Temperature 1.
VO
(T2) = VO at Temperature 2.
Line Regulation
Line regulation is the change in the output due to a specified
change in input voltage. This parameter accounts for the effects
of self-heating. Line regulation is expressed in either %/V,
ppm/V, or μV/ΔVIN.
Load Regulation
Load regulation is the change in output voltage due to a
specified change in load current. This parameter accounts for
the effects of self-heating. Load regulation is expressed in either
mV/mA, ppm/mA, or dc output resistance (Ω).
Long-Term Stability
Long-term stability is the typical shift of output voltage at 25°C
on a sample of parts subjected to a test of 1000 hours at 25°C.
( )
( )
1
O
0
O
O
t
V
t
V
V
−
=
Δ
[]
( )
()
()
6
10
ppm
×
−
=
Δ
0
O
1
O
0
O
O
t
V
t
V
t
V
V
where:
VO(t0) = VO at 25°C at Time 0.
VO(t1) = VO at 25°C after 1000 hours operating at 25°C.
Thermal Hysteresis
Thermal hysteresis is the change of output voltage after the
device is cycled through temperatures from +25°C to −40°C to
+125°C, then back to +25°C. This is a typical value from a
sample of parts put through such a cycle.
where:
VO(25°C) = VO at 25°C.
VOTC = VO at 25°C after temperature cycle from +25°C to −40°C
to +125°C, then back to +25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com