Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB520CS30L Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # RB520CS30L
Description  100 mA low VF MEGA Schottky barrier rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

RB520CS30L Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button RB520CS30L Datasheet HTML 3Page - Nexperia B.V. All rights reserved RB520CS30L Datasheet HTML 4Page - Nexperia B.V. All rights reserved RB520CS30L Datasheet HTML 5Page - Nexperia B.V. All rights reserved RB520CS30L Datasheet HTML 6Page - Nexperia B.V. All rights reserved RB520CS30L Datasheet HTML 7Page - Nexperia B.V. All rights reserved RB520CS30L Datasheet HTML 8Page - Nexperia B.V. All rights reserved RB520CS30L Datasheet HTML 9Page - Nexperia B.V. All rights reserved RB520CS30L Datasheet HTML 10Page - Nexperia B.V. All rights reserved RB520CS30L Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
© Nexperia B.V. 2017. All rights reserved
RB520CS30L
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 10 March 2011
7 of 14
Nexperia
RB520CS30L
100 mA low VF MEGA Schottky barrier rectifier
Tj = 150 °C
(1)
δ =0.1
(2)
δ =0.2
(3)
δ =0.5
(4)
δ =1
Tj = 125 °C
(1)
δ =1; DC
(2)
δ = 0.9; f = 20 kHz
(3)
δ = 0.8; f = 20 kHz
(4)
δ = 0.5; f = 20 kHz
Fig 7.
Average forward power dissipation as a
function of average forward current; typical
values
Fig 8.
Average reverse power dissipation as a
function of reverse voltage; typical values
FR4 PCB, standard footprint
Tj = 150 °C
(1)
δ =1; DC
(2)
δ = 0.5; f = 20 kHz
(3)
δ = 0.2; f = 20 kHz
(4)
δ = 0.1; f = 20 kHz
FR4 PCB, mounting pad for cathode 1 cm2
Tj = 150 °C
(1)
δ =1; DC
(2)
δ = 0.5; f = 20 kHz
(3)
δ = 0.2; f = 20 kHz
(4)
δ = 0.1; f = 20 kHz
Fig 9.
Average forward current as a function of
ambient temperature; typical values
Fig 10. Average forward current as a function of
ambient temperature; typical values
IF(AV) (A)
0.00
0.15
0.10
0.05
006aac539
0.02
0.04
0.06
PF(AV)
(W)
0.00
(1)
(2)
(3)
(4)
006aac540
VR (V)
030
20
10
0.004
0.006
0.002
0.008
0.010
PR(AV)
(W)
0.000
(3)
(4)
(1)
(2)
Tamb (°C)
0
50
100
150
175
125
75
25
006aac541
0.05
0.10
0.15
IF(AV)
(A)
0.00
(1)
(2)
(3)
(4)
Tamb (°C)
0
50
100
150
175
125
75
25
006aac542
0.05
0.10
0.15
IF(AV)
(A)
0.00
(1)
(2)
(3)
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com