Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB520CS30L Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # RB520CS30L
Description  100 mA low VF MEGA Schottky barrier rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

RB520CS30L Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  RB520CS30L Datasheet HTML 1Page - Nexperia B.V. All rights reserved RB520CS30L Datasheet HTML 2Page - Nexperia B.V. All rights reserved RB520CS30L Datasheet HTML 3Page - Nexperia B.V. All rights reserved RB520CS30L Datasheet HTML 4Page - Nexperia B.V. All rights reserved RB520CS30L Datasheet HTML 5Page - Nexperia B.V. All rights reserved RB520CS30L Datasheet HTML 6Page - Nexperia B.V. All rights reserved RB520CS30L Datasheet HTML 7Page - Nexperia B.V. All rights reserved RB520CS30L Datasheet HTML 8Page - Nexperia B.V. All rights reserved RB520CS30L Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
© Nexperia B.V. 2017. All rights reserved
RB520CS30L
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 10 March 2011
2 of 14
Nexperia
RB520CS30L
100 mA low VF MEGA Schottky barrier rectifier
2.
Pinning information
[1]
The marking bar indicates the cathode.
3.
Ordering information
4.
Marking
5.
Limiting values
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
cathode
[1]
2
anode
2
1
Transparent
top view
sym001
12
Table 3.
Ordering information
Type number
Package
Name
Description
Version
RB520CS30L
-
leadless ultra small plastic package; 2 terminals;
body 1.0
× 0.6 × 0.5 mm
SOD882
Table 4.
Marking codes
Type number
Marking code
RB520CS30L
AP
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
-
30
V
IF(AV)
average forward current
square wave;
δ = 0.5;
f = 20 kHz
Tamb ≤ 135 °C
[1] -100
mA
Tsp ≤ 145 °C-
100
mA
IFSM
non-repetitive peak forward
current
half sine wave;
tp ≤ 8.3 ms
[2] -3
A
Ptot
total power dissipation
Tamb ≤ 25 °C
[4][3] -315
mW
[4][1] -565
mW
[4][5] -865
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com