Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB520CS30L Datasheet (PDF) - Nexperia B.V. All rights reserved

RB520CS30L Datasheet PDF - Nexperia B.V. All rights reserved
Part # RB520CS30L
Download  RB520CS30L Download
File Size   1265.14 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 100 mA low VF MEGA Schottky barrier rectifier

RB520CS30L Datasheet (PDF)

Go To PDF Page Download Datasheet
RB520CS30L Datasheet PDF - Nexperia B.V. All rights reserved

Part # RB520CS30L
Download  RB520CS30L Click to download

File Size   1265.14 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 100 mA low VF MEGA Schottky barrier rectifier

RB520CS30L Datasheet (HTML) - Nexperia B.V. All rights reserved


RB520CS30L Product details

1.1 General description
Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifier with an
integrated guard ring for stress protection, encapsulated in a SOD882 leadless ultra small
Surface-Mounted Device (SMD) plastic package.
1.2 Features and benefits
Average forward current: IF(AV) ≤ 100 mA
Reverse voltage: VR ≤ 30 V
Low forward voltage: VF ≤ 450 mV
Low reverse current: IR ≤ 0.5 μA
AEC-Q101 qualified
Leadless ultra small SMD plastic package
1.3 Applications
Low current rectification
High efficiency DC-to-DC conversion
Switch Mode Power Supply (SMPS)
Reverse polarity protection
Low power consumption applications




Similar Part No. - RB520CS30L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
RB520CS30L PHILIPS-RB520CS30L Datasheet
709Kb / 14P
100 mA low VF MEGA Schottky barrier rectifier
Rev. 1-10 March 2011
RB520CS30L PHILIPS-RB520CS30L_15 Datasheet
709Kb / 14P
100 mA low VF MEGA Schottky barrier rectifier
Rev. 1-10 March 2011
More results


Similar Description - RB520CS30L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
RB521S30 NXP-RB521S30 Datasheet
258Kb / 12P
200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-6 October 2009
PMEG3002EJ NXP-PMEG3002EJ Datasheet
103Kb / 13P
200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-15 May 2009
RB521CS30L NXP-RB521CS30L Datasheet
148Kb / 13P
100 mA low VF MEGA Schottky barrier rectifier
Rev. 1-24 January 2011
RB520CS30L PHILIPS-RB520CS30L Datasheet
709Kb / 14P
100 mA low VF MEGA Schottky barrier rectifier
Rev. 1-10 March 2011
PMEG3002EJ PHILIPS-PMEG3002EJ_15 Datasheet
103Kb / 13P
200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-15 May 2009
RB520CS30L PHILIPS-RB520CS30L_15 Datasheet
709Kb / 14P
100 mA low VF MEGA Schottky barrier rectifier
Rev. 1-10 March 2011
logo
Nexperia B.V. All right...
RB521CS30L NEXPERIA-RB521CS30L Datasheet
710Kb / 13P
100 mA low VF MEGA Schottky barrier rectifier
Rev. 1 - 24 January 2011
PMEG3002EJ NEXPERIA-PMEG3002EJ Datasheet
218Kb / 14P
200 mA low VF MEGA Schottky barrier rectifier
Rev. 01 - 15 May 2009
PMEG4002EJ NEXPERIA-PMEG4002EJ Datasheet
218Kb / 14P
200 mA low VF MEGA Schottky barrier rectifier
Rev. 01 - 15 May 2009
RB521S30 NEXPERIA-RB521S30 Datasheet
235Kb / 11P
200 mA low Vf MEGA Schottky barrier rectifier
7 April 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com