Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93V855I Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS93V855I
Description  DDR Phase Lock Loop Clock Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS93V855I Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS93V855I Datasheet HTML 1Page - Renesas Technology Corp ICS93V855I Datasheet HTML 2Page - Renesas Technology Corp ICS93V855I Datasheet HTML 3Page - Renesas Technology Corp ICS93V855I Datasheet HTML 4Page - Renesas Technology Corp ICS93V855I Datasheet HTML 5Page - Renesas Technology Corp ICS93V855I Datasheet HTML 6Page - Renesas Technology Corp ICS93V855I Datasheet HTML 7Page - Renesas Technology Corp ICS93V855I Datasheet HTML 8Page - Renesas Technology Corp ICS93V855I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
ICS93V855I
0783C—06/01/04
DC Electrical Characteristics
T
A = -45 °C to +85 °C; Supp ly Vo ltag e AV DD, V DD = 2.5 V +/ - 0.2V (u nle ss oth erwise state d)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDDQ, AVDD
2.3
2.5
2.7
V
Low level input voltage
V
IL
CLK_INT, CLK_INC, FB_INC,
FB_INT
0.4
V
DD/ 2 - 0.18
V
High level input voltage
V
IH
CLK_INT, CLK_INC, FB_INC,
FB_INT
V
DD /2 + 0.18
2.1
V
DC input signal voltage (note
2)
V
IN
-0.3
V
DD + 0.3
V
DC - CLK_INT, CLK_INC,
FB_INC, FB_INT
0.36
V
DD + 0.6
V
AC - CLK_INT, CLK_INC,
FB_INC, FB_INT
0.7
V
DD + 0.6
V
Output differential cross-
voltage (note 4)
V
OX
V
DD/2 - 0 .15
V
DD/2 + 0.1 5
V
Input differential cross-
voltage (note 4)
V
IX
V
DD/2 - 0.2
V
DD /2
V
DD/2 + 0. 2
V
Operating free-air
temperature
T
A
-45
85
°C
Notes:
1
2
3
4
Differential inputs signal voltages specifies the differential voltage [VT-VCP] required f or switching,
where VTR is the true input level and VCP is the complementary input level.
Differential cross-point voltage is expected to track variations of VD D and is the voltage at which the
differential signal must be crossing.
Differential input signal
voltage (note 3)
VID
Unused inputs must be held high or low to prevent them from floating.
DC input signal voltage specifies the allowable DC excursion of differential input.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com