Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93V855I Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS93V855I
Description  DDR Phase Lock Loop Clock Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS93V855I Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS93V855I Datasheet HTML 1Page - Renesas Technology Corp ICS93V855I Datasheet HTML 2Page - Renesas Technology Corp ICS93V855I Datasheet HTML 3Page - Renesas Technology Corp ICS93V855I Datasheet HTML 4Page - Renesas Technology Corp ICS93V855I Datasheet HTML 5Page - Renesas Technology Corp ICS93V855I Datasheet HTML 6Page - Renesas Technology Corp ICS93V855I Datasheet HTML 7Page - Renesas Technology Corp ICS93V855I Datasheet HTML 8Page - Renesas Technology Corp ICS93V855I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
ICS93V855I
0783C—06/01/04
Pin Descriptions
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1
GND
PWR
Ground pin.
2
DDRC0
OUT
"Complimentary" Clock of differential pair output.
3
DDRT0
OUT
"True" Clock of differential pair output.
4
VDD2.5
PWR
Power supply, nominal 2.5V
5
CLK_INT
IN
"True" reference clock input.
6
CLK_INC
IN
"Complimentary" reference clock input.
7
AVDD2.5
PWR
2.5V Analog Power pin for Core PLL
8
AGND
PWR
Analog Ground pin for Core PLL
9
GND
PWR
Ground pin.
10
DDRC1
OUT
"Complimentary" Clock of differential pair output.
11
DDRT1
OUT
"True" Clock of differential pair output.
12
VDD2.5
PWR
Power supply, nominal 2.5V
13
DDRT2
OUT
"True" Clock of differential pair output.
14
DDRC2
OUT
"Complimentary" Clock of differential pair output.
15
GND
PWR
Ground pin.
16
DDRC3
OUT
"Complimentary" Clock of differential pair output.
17
DDRT3
OUT
"True" Clock of differential pair output.
18
VDD2.5
PWR
Power supply, nominal 2.5V
19
GND
PWR
Ground pin.
20
FB_INC
IN
Complement single-ended feedback input, provides feedback signal to
internal PLL for synchronization with CLK_INT to eliminate phase error.
21
FB_INT
IN
True single-ended feedback input, provides feedback signal to internal
PLL for synchronization with CLK_INT to eliminate phase error.
22
VDD2.5
PWR
Power supply, nominal 2.5V
23
FB_OUTT
OUT
True single-ended feedback output, dedicated external feedback. It
switches at the same frequency as other DDR outputs, This output must
be connect to FB_INT.
24
FB_OUTC
OUT
Complement single-ended feedback output, dedicated external feedback.
It switches at the same frequency as other DDR outputs, This output must
be connect to FB_INC.
25
GND
PWR
Ground pin.
26
VDD2.5
PWR
Power supply, nominal 2.5V
27
DDRT4
OUT
"True" Clock of differential pair output.
28
DDRC4
OUT
"Complimentary" Clock of differential pair output.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com