Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93V855I Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS93V855I
Description  DDR Phase Lock Loop Clock Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS93V855I Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS93V855I Datasheet HTML 1Page - Renesas Technology Corp ICS93V855I Datasheet HTML 2Page - Renesas Technology Corp ICS93V855I Datasheet HTML 3Page - Renesas Technology Corp ICS93V855I Datasheet HTML 4Page - Renesas Technology Corp ICS93V855I Datasheet HTML 5Page - Renesas Technology Corp ICS93V855I Datasheet HTML 6Page - Renesas Technology Corp ICS93V855I Datasheet HTML 7Page - Renesas Technology Corp ICS93V855I Datasheet HTML 8Page - Renesas Technology Corp ICS93V855I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
ICS93V855I
0783C—06/01/04
Switching Characteristics
TA = -45°C to +85°C; Supply Voltage AVDD, VDD = 2.5 V +/- 0.2V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Max clock frequency
3
freqop
33
233
MHz
Application Frequency
Range
3
freqApp
60
170
MHz
Input clock duty cycle
dtin
40
60
%
Output clock slew rate
tsl(o)
12
v/ns
CLK stabilization
TSTAB
100
µs
Low-to high level propagation
delay time
tPLH
1
CLK_IN to any output
5.5
ns
High-to low level propagation
delay time
t
PH L
1
CLK_IN to any output
5.5
ns
Output enable time
t
en
PD# to any output
5
ns
Output disable time
tdis
PD# to any output
5
ns
Period jitter
tjit (per)
-75
75
ps
Half-period jitter
tjit(hper)
-100
100
ps
Input clock slew rate
tsl(I)
12
v/ns
Cycle to Cycle Jitter
tcyc-tcyc
-75
75
ps
Phase error
4
t(phase erro r)
-50
50
ps
Output to Output Skew
t
skew
40
60
ps
Rise Time, Fall Time
t
r, tf
Load = 120
φ /16pF
650
800
950
ps
Notes:
1.
2.
3.
4. Does not include jitter.
Over the application
frequency range
Switching characteristics are guaranteed for application frequency range. The PLL
Locks over the Max Clock Frequency range, but the device doe not necessarily
meet other timing parameters.
Refers to transition on noninverting output in PLL bypass mode.
While the pulse skew is almost constant over frequency, the duty cycle error
increases at higher frequencies. This is due to the formula: duty cycle=twH/tc,
were the cycle (tc) decreases as the frequency goes up.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com