Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS86 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # BAS86
Description  Schottky barrier single diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS86 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BAS86 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS86 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS86 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS86 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS86 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS86 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS86 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS86 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS86 Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
BAS86
Schottky barrier single diode
BAS86
All information provided in this document is subject to legal disclaimers.
Product data sheet
25 July 2012
3 / 9
6. Thermal characteristics
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance
from junction to
ambient
in free air
[1]
-
-
320
K/W
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
7. Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF = 0.1 mA; Tamb = 25 °C
-
-
300
mV
IF = 1 mA; Tamb = 25 °C
-
-
380
mV
IF = 10 mA; Tamb = 25 °C
-
-
450
mV
IF = 30 mA; Tamb = 25 °C
-
-
600
mV
VF
forward voltage
IF = 100 mA; Tamb = 25 °C
-
-
900
mV
IR
reverse current
VR = 40 V; Tamb = 25 °C; pulsed;
tp ≤ 300 µs; δ ≤ 0.02
-
-
5
µA
Cd
diode capacitance
f = 1 MHz; Tamb = 25 °C; VR = 1 V
-
-
8
pF
trr
reverse recovery time
IF = 10 mA; IR = 10 mA; RL = 100 Ω;
IR(meas) = 1 mA; Tamb = 25 °C
-
-
4
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com