Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS86 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BAS86
Description  Schottky barrier single diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS86 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BAS86 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS86 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS86 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS86 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS86 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS86 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS86 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS86 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS86 Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
BAS86
Schottky barrier single diode
25 July 2012
Product data sheet
1. Product profile
1.1 General description
Planar Schottky barrier diode with an integrated guard ring for stress protection,
encapsulated in a small hermetically sealed SOD80C glass Surface-Mounted Device
(SMD) package with tin-plated metal discs at each end. It is suitable for “automatic
placement” and as such it can withstand immersion soldering.
1.2 Features and benefits
• Low forward voltage
• High breakdown voltage
• Guard ring protected
• Hermetically sealed glass SMD package.
1.3 Applications
• Ultra high-speed switching
• Voltage clamping
• Protection circuits
• Blocking diodes
1.4 Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF(AV)
average forward
current
[1]
-
-
200
mA
VR
reverse voltage
-
-
50
V
VF
forward voltage
IF = 100 mA; Tamb = 25 °C
-
-
900
mV
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.


Similar Part No. - BAS86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS86 PHILIPS-BAS86 Datasheet
28Kb / 6P
Schottky barrier diode
1996 Oct 01
logo
Vishay Siliconix
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
231Kb / 5P
Small Signal Schottky Diode
03-Mar-06
logo
SEMTECH ELECTRONICS LTD...
BAS86 SEMTECH_ELEC-BAS86 Datasheet
194Kb / 3P
SCHOTTKY BARRIER DIODE
logo
GOOD-ARK Electronics
BAS86 GOOD-ARK-BAS86 Datasheet
60Kb / 2P
Small-Signal Diode Schottky Diode
More results

Similar Description - BAS86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT46WJ PHILIPS-BAT46WJ Datasheet
177Kb / 12P
Single Schottky barrier diode
Rev. 2-8 November 2011
BAT85.133 NXP-BAT85.133 Datasheet
131Kb / 8P
Schottky barrier single diode
24 July 2012
1PS70SB20 PHILIPS-1PS70SB20_15 Datasheet
141Kb / 9P
Schottky barrier single diode
17 December 2012
1PS76SB10_15 PHILIPS-1PS76SB10_15_15 Datasheet
161Kb / 8P
Schottky barrier single diode
17 December 2012
1PS70SB10_15 PHILIPS-1PS70SB10_15_15 Datasheet
166Kb / 9P
Schottky barrier single diode
17 December 2012
logo
Nexperia B.V. All right...
BAT54T NEXPERIA-BAT54T Datasheet
223Kb / 10P
Single Schottky barrier diode
1PS76SB10-Q NEXPERIA-1PS76SB10-Q Datasheet
198Kb / 10P
Schottky barrier single diode
16 June 2021
BAT54J NEXPERIA-BAT54J Datasheet
204Kb / 8P
Schottky barrier single diode
1 October 2022
BAT46WH NEXPERIA-BAT46WH Datasheet
892Kb / 12P
Single Schottky barrier diode
Rev. 2 - 28 November 2011
BAT86 NEXPERIA-BAT86 Datasheet
2Mb / 8P
Schottky barrier single diode
25 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com