Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS86 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # BAS86
Description  Schottky barrier single diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS86 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  BAS86 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS86 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS86 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS86 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS86 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS86 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS86 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS86 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS86 Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
BAS86
Schottky barrier single diode
BAS86
All information provided in this document is subject to legal disclaimers.
Product data sheet
25 July 2012
5 / 9
trr
(1)
+ IF
t
output signal
tr
tp
t
10 %
90 %
VR
input signal
V = VR + IF × RS
RS = 50 Ω
IF
D.U.T.
Ri = 50 Ω
SAMPLING
OSCILLOSCOPE
mga881
(1) IR = 1 mA
Fig. 5. Reverse recovery time test circuit and waveforms
9. Package outline
06-03-16
Dimensions in mm
1.60
1.45
0.3
3.7
3.3
0.3
Fig. 6. LLDS; MiniMelf (SOD80C)
10. Soldering
sod080c
2.30
4.30
4.55
1.60
1.70
2.25
0.90
(2x)
solder lands
solder resist
occupied area
solder paste
Dimensions in mm
Fig. 7. Reflow soldering footprint for SOD80C (LLDS; MiniMelf)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com