Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54LS Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # BAT54LS
Description  Schottky barrier diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAT54LS Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  BAT54LS Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAT54LS Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAT54LS Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAT54LS Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAT54LS Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAT54LS Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAT54LS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAT54LS Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAT54LS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Nexperia
BAT54LS
Schottky barrier diode
006aac891
VR (V)
0
30
20
10
4
6
2
8
10
Cd
(pF)
0
Tamb = 25 °C; f = 1 MHz
Fig. 5. Diode capacitance as a function of reverse voltage; typical values
11. Test information
trr
(1)
+ IF
t
output signal
tr
tp
t
10 %
90 %
VR
input signal
V = VR + IF × RS
RS = 50 Ω
IF
D.U.T.
Ri = 50 Ω
SAMPLING
OSCILLOSCOPE
mga881
(1) IR = 1 mA
Fig. 6. Reverse recovery time test circuit and waveforms
BAT54LS
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
25 January 2021
5 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com