Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54LS Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BAT54LS
Description  Schottky barrier diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAT54LS Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BAT54LS Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAT54LS Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAT54LS Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAT54LS Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAT54LS Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAT54LS Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAT54LS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAT54LS Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAT54LS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Nexperia
BAT54LS
Schottky barrier diode
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
BAT54LS
DFN1006BD-2 Leadless ultra small plastic package with side-wettable flanks
(SWF); 2 terminals; 0.65 mm pitch; 1 mm x 0.6 mm x 0.47 mm
body
SOD882BD
7. Marking
Table 4. Marking codes
Type number
Marking code
BAT54LS
8L
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
-
30
V
IF
forward current
Tamb ≤ 25 °C
-
200
mA
IFRM
repetitive peak forward
current
tp ≤ 1 s; δ ≤ 0.5; Tamb = 25 °C
-
300
mA
IFSM
non-repetitive peak
forward current
square-wave pulse; tp ≤ 10 ms;
Tj(init) = 25 °C
-
600
mA
[1]
-
345
mW
Ptot
total power dissipation
Tamb ≤ 25 °C
[2]
-
640
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-55
150
°C
Tstg
storage temperature
-65
150
°C
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided 70 μm copper, tin-plated and standard footprint.
[2] Device mounted on an FR4 Printed-Circuit Board (PCB), 70 μm single-sided copper, tin-plated; mounting pad for collector 1cm2.
BAT54LS
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
25 January 2021
2 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com