Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54LS Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BAT54LS
Description  Schottky barrier diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAT54LS Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BAT54LS Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAT54LS Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAT54LS Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAT54LS Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAT54LS Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAT54LS Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAT54LS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAT54LS Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAT54LS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
BAT54LS
Schottky barrier diode
25 January 2021
Product data sheet
1. General description
Planar Schottky barrier diode in a leadless ultra small DFN1006BD-2 (SOD882BD) Surface-
Mounted Device (SMD) plastic package with side-wettable flanks.
2. Features and benefits
• Low forward voltage
• Low capacitance
• Leadless ultra small SMD plastic package
• Low package height of 0.5 mm
• Suitable for Automatic Optical Inspection (AOI) of solder joint
3. Applications
• Ultra high-speed switching
• Voltage clamping
• Protection circuits
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VR
reverse voltage
-
-
30
V
VF
forward voltage
IF = 100 mA; tp ≤ 300 µs; δ ≤ 0.02;
pulsed; Tamb = 25 °C
-
-
800
mV
IR
reverse current
VR = 25 V; tp ≤ 300 µs; δ ≤ 2; pulsed;
Tamb = 25 °C
-
-
2
µA
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
K
cathode
2
A
anode
Transparent
top view
2
1
DFN1006BD-2 (SOD882BD)
sym001
K
A


Similar Part No. - BAT54LS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BAT54LS-Q NEXPERIA-BAT54LS-Q Datasheet
232Kb / 10P
Schottky barrier diode
4 May 2021
More results

Similar Description - BAT54LS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com