Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS348-22 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS348-22
Description  QUAD PLL CLOCK SYNTHESIZER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS348-22 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS348-22 Datasheet HTML 1Page - Renesas Technology Corp ICS348-22 Datasheet HTML 2Page - Renesas Technology Corp ICS348-22 Datasheet HTML 3Page - Renesas Technology Corp ICS348-22 Datasheet HTML 4Page - Renesas Technology Corp ICS348-22 Datasheet HTML 5Page - Renesas Technology Corp ICS348-22 Datasheet HTML 6Page - Renesas Technology Corp ICS348-22 Datasheet HTML 7Page - Renesas Technology Corp ICS348-22 Datasheet HTML 8Page - Renesas Technology Corp ICS348-22 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ICS348-22
QUAD PLL CLOCK SYNTHESIZER
EPROM CLOCK SYNTHESIZER
IDT™ / ICS™ QUAD PLL CLOCK SYNTHESIZER
3
ICS348-22
REV B 012005
Pin Descriptions
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
X1
XI
Crystal Input. Connect this pin to a 25 MHz crystal.
2
S0
Input
Select pin 0. Internal pull-up resistor.
3
S1
Input
Select pin 1. Internal pull-up resistor.
4
CLK9
Output
127 MHz output clock. Weak internal pull-down when tri-stated
5VDD
Power
Connect to +3.3 V.
6
GND
Power
Connect to ground.
7
CLK1
Output
127 MHz output clock. Weak internal pull-down when tri-stated
8
CLK2
Output
127 MHz output clock. Weak internal pull-down when tri-stated.
9
CLK3
Output
127 MHz output clock. Weak internal pull-down when tri-stated.
10
CLK4
Output
127 MHz output clock. Weak internal pull-down when tri-stated.
11
CLK8
Output
189 MHz output clock. Weak internal pull-down when tri-stated.
12
CLK7
Output
187 MHz output clock. Weak internal pull-down when tri-stated.
13
CLK6
Output
187 MHz output clock. Weak internal pull-down when tri-stated.
14
CLK5
Output
127 MHz output clock. Weak internal pull-down when tri-stated.
15
GND
Power
Connect to ground.
16
VDD
Power
Connect to +3.3 V.
17
S2
Input
Select pin 2. Internal pull-up resistor.
18
PDTS
Input
Power down tri-state. Powers down entire chip and tri-states clock outputs
when low. Internal pull-up resistor.
19
VDD
Power
Connect to +3.3 V.
20
X2
XO
Crystal Output. Connect this pin to a 25MHz crystal. Float for clock input.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com