Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS348-22 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS348-22
Description  QUAD PLL CLOCK SYNTHESIZER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS348-22 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS348-22 Datasheet HTML 1Page - Renesas Technology Corp ICS348-22 Datasheet HTML 2Page - Renesas Technology Corp ICS348-22 Datasheet HTML 3Page - Renesas Technology Corp ICS348-22 Datasheet HTML 4Page - Renesas Technology Corp ICS348-22 Datasheet HTML 5Page - Renesas Technology Corp ICS348-22 Datasheet HTML 6Page - Renesas Technology Corp ICS348-22 Datasheet HTML 7Page - Renesas Technology Corp ICS348-22 Datasheet HTML 8Page - Renesas Technology Corp ICS348-22 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRELIMINARY DATASHEET
QUAD PLL CLOCK SYNTHESIZER
ICS348-22
IDT™ / ICS™ QUAD PLL CLOCK SYNTHESIZER
1
ICS348-22
REV B 012005
Description
The ICS348-22 synthesizer generates up to 9
high-quality, high-frequency clock outputs including
multiple reference clocks from a low frequency crystal
or clock input. The ICS348-22 has four independent
on-chip PLLs and is designed to replace crystals and
crystal oscillators in most electronic systems.
Using Phase-Locked Loop (PLL) techniques, the
device runs from a standard fundamental mode,
inexpensive crystal, or clock. It can replace multiple
crystals and oscillators, saving board space and cost.
Features
• Packaged as 20-pin SSOP (QSOP)
• Eight addressable registers
• Replaces multiple crystals and oscillators
• Output frequencies up to 189 MHz at 3.3 V
• Input crystal frequency of 25 MHz
• Up to nine reference outputs
• Up to two sets of four low-skew outputs
• Operating voltages of 3.3 V
• Advanced, low power CMOS process
• Available in Pb (lead) free packaging
Block Diagram
Crystal
Oscillator
PLL1
GND
2
3
VDD
PDTS
PLL2
PLL3
Divide
Logic
and
Output
Enable
Control
S2:S0
CLK1
CLK9
CLK8
CLK7
CLK6
CLK5
CLK4
CLK3
CLK2
3
ROM
with PLL
Values
PLL4
X2
25 MHz
crystal input
External capacitors are
required with a crystal input.
X1


Similar Part No. - ICS348-22

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS348-22 ICST-ICS348-22 Datasheet
163Kb / 8P
Quad PLL Field Programmable VersaClock Synthesizer
Revision 120704
More results

Similar Description - ICS348-22

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2703 ICST-MK2703 Datasheet
63Kb / 4P
PLL Audio Clock Synthesizer
Revision 062700
MK2704 ICST-MK2704 Datasheet
63Kb / 4P
PLL Audio Clock Synthesizer
Revision 062700
logo
Texas Instruments
CDCE913 TI1-CDCE913_15 Datasheet
1Mb / 35P
Programmable 1-PLL VCXO Clock Synthesizer
CDCEL824 TI1-CDCEL824 Datasheet
1Mb / 33P
Programmable 2-PLL Clock Synthesizer
CDCE913-Q1 TI1-CDCE913-Q1 Datasheet
897Kb / 27P
Programmable 1-PLL VCXO Clock Synthesizer
logo
Integrated Device Techn...
MK2703 IDT-MK2703 Datasheet
187Kb / 7P
PLL AUDIO CLOCK SYNTHESIZER
MK2703B IDT-MK2703B Datasheet
188Kb / 7P
PLL AUDIO CLOCK SYNTHESIZER
logo
Renesas Technology Corp
MK2703 RENESAS-MK2703 Datasheet
348Kb / 8P
PLL AUDIO CLOCK SYNTHESIZER
051310
MK2703B RENESAS-MK2703B Datasheet
354Kb / 8P
PLL AUDIO CLOCK SYNTHESIZER
042606
MK2704 RENESAS-MK2704 Datasheet
333Kb / 7P
PLL AUDIO CLOCK SYNTHESIZER
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com