Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS348-22 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS348-22
Description  QUAD PLL CLOCK SYNTHESIZER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS348-22 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS348-22 Datasheet HTML 1Page - Renesas Technology Corp ICS348-22 Datasheet HTML 2Page - Renesas Technology Corp ICS348-22 Datasheet HTML 3Page - Renesas Technology Corp ICS348-22 Datasheet HTML 4Page - Renesas Technology Corp ICS348-22 Datasheet HTML 5Page - Renesas Technology Corp ICS348-22 Datasheet HTML 6Page - Renesas Technology Corp ICS348-22 Datasheet HTML 7Page - Renesas Technology Corp ICS348-22 Datasheet HTML 8Page - Renesas Technology Corp ICS348-22 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ICS348-22
QUAD PLL CLOCK SYNTHESIZER
EPROM CLOCK SYNTHESIZER
IDT™ / ICS™ QUAD PLL CLOCK SYNTHESIZER
2
ICS348-22
REV B 012005
Pin Assignment
Output Configuration Table
16
1
15
2
14
X1
X2
3
13
S0
4
12
S1
VDD
5
11
CLK9
6
PDTS
7
VDD
8
GND
S2
VDD
GND
CLK1
CLK5
CLK2
CLK6
9
10
CLK3
CLK7
CLK4
CLK8
20
19
18
17
20-pin (150 mil) SSOP (QSOP)
S2 S1 S0
Outputs
0
0
0 CLK1,2,3,4,5,9=127 MHz, CLK6=CLK7=187 MHz, CLK8=189 MHz,
0
0
1 CLK1,2,3,4,5,9=127 MHz, CLK6=CLK7=187 MHz, CLK8=189 MHz,
0
1
0 CLK1,2,3,4,5,9=127 MHz, CLK6=CLK7=187 MHz, CLK8=189 MHz,
0
1
1 CLK1,2,3,4,5,9=127 MHz, CLK6=CLK7=187 MHz, CLK8=189 MHz,
1
0
0 CLK1,2,3,4,5,9=127 MHz, CLK6=CLK7=187 MHz, CLK8=189 MHz,
1
0
1 CLK1,2,3,4,5,9=127 MHz, CLK6=CLK7=187 MHz, CLK8=189 MHz,
1
1
0 CLK1,2,3,4,5,9=127 MHz, CLK6=CLK7=187 MHz, CLK8=189 MHz,
1
1
1 CLK1,2,3,4,5,9=127 MHz, CLK6=CLK7=OFF, CLK8=189 MHz,



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com