Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS527-04 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS527-04
Description  CLOCK SLICER USER CONFIGURABLE PECL INPUT ZDB
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS527-04 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS527-04 Datasheet HTML 1Page - Renesas Technology Corp ICS527-04 Datasheet HTML 2Page - Renesas Technology Corp ICS527-04 Datasheet HTML 3Page - Renesas Technology Corp ICS527-04 Datasheet HTML 4Page - Renesas Technology Corp ICS527-04 Datasheet HTML 5Page - Renesas Technology Corp ICS527-04 Datasheet HTML 6Page - Renesas Technology Corp ICS527-04 Datasheet HTML 7Page - Renesas Technology Corp ICS527-04 Datasheet HTML 8Page - Renesas Technology Corp ICS527-04 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ICS527-04
CLOCK SLICER USER CONFIGURABLE PECL INPUT ZDB
PECL ZDB AND MULTIPLIER/DIVIDER
IDT™ / ICS™ CLOCK SLICER USER CONFIGURABLE PECL INPUT ZDB
4
ICS527-04
REV F 051310
of dividers are available, then the lowest numbers
should be used. In this example, the output divide (OD)
should be selected to be 2. Then R6:R0 is 0000010,
F6:F0 is 0000011 and S1:S0 is 00.
If you need assistance determining the optimum divider
settings, please send an e-mail to ics-mk@icst.com
with the desired input clock and the desired output
frequency.
Typical Example
The following connection diagram shows the implementation of the example from the previous section.
This will generate a 50 MHz clock synchronously with a 40 MHz input. The layout diagram below will
produce the waveforms shown on the bottom of the example.
F6
FBPECL
F5
F4
GND
F3
PECLIN
PECLIN
F0
F1
F2
PECL
PECL
GND
S1
VDD
R0
VDD
IRANGE
S0
R2
R1
R5
R6
R4
R3
FBPECL
RES
0.01 F
0.01 F
VDD
40 MHz
560
50 MHz
180
PECL output resistor network (50 ohm) is not
shown, but is identical to PECL
VDD
40 MHz
40 MHz
(PECLIN shown)
50 MHz PECL
50 MHz PECL



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com