Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS527-04 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS527-04
Description  CLOCK SLICER USER CONFIGURABLE PECL INPUT ZDB
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS527-04 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS527-04 Datasheet HTML 1Page - Renesas Technology Corp ICS527-04 Datasheet HTML 2Page - Renesas Technology Corp ICS527-04 Datasheet HTML 3Page - Renesas Technology Corp ICS527-04 Datasheet HTML 4Page - Renesas Technology Corp ICS527-04 Datasheet HTML 5Page - Renesas Technology Corp ICS527-04 Datasheet HTML 6Page - Renesas Technology Corp ICS527-04 Datasheet HTML 7Page - Renesas Technology Corp ICS527-04 Datasheet HTML 8Page - Renesas Technology Corp ICS527-04 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ICS527-04
CLOCK SLICER USER CONFIGURABLE PECL INPUT ZDB
PECL ZDB AND MULTIPLIER/DIVIDER
IDT™ / ICS™ CLOCK SLICER USER CONFIGURABLE PECL INPUT ZDB
2
ICS527-04
REV F 051310
Pin Assignment
28-pin (150 mil) SSOP
Output Frequency and Output
Divider Table
IRANGE Setting Table
Pin Descriptions
18
7
17
8
16
9
15
F B PEC L
10
F B PEC L
11
GN D
12
PE C L O
13
PEC L I N
14
PEC L I N
GN D
RE S
F6
F0
F5
F3
F1
F4
22
21
20
19
F2
PE C L O
5
6
S1
VD D
VD D
24
23
R0
3
4
IR A N G E
S0
R1
26
25
R2
1
2
R5
R6
R3
28
27
R4
S1
Pin 5
S0
Pin 4
Output Frequency (MHz)
PECLO Output Pair
00
10 - 80
0
1
5 - 40
1
0
2.5 - 20
1
1
20 -160
IRANGE
Criteria
0
if (FBPECL < 80 MHz) and (PECLIN < 80 MHz)
1
if (FBPECL > 80 MHz) or (PECLIN > 80 MHz)
Pin
Number
Pin
Name
Pin
Type
Pin Description
1 - 2
24 - 28
R5, R6,
R0-R4
Input
Reference divider word input pins determined by user. Forms a binary number
from 0 to 127. Internal pull-up.
3
IRANGE
Input
Set for proper frequency range of input clocks. See table above.
4 - 5
S0, S1
Input
Select pins for output frequency range. See table above. Internal pull-up.
6, 23
VDD
Power
Connect to +3.3 V.
7
FBPECL
Input
PECL feedback input to PLL.
8
FBPECL
Input
PECL feedback input to PLL.
9, 20
GND
Power
Connect to ground
10
PECLIN
Input
PECL input clock.
11
PECLIN
Input
Complementary PECL input clock.
12 - 18
F0-F6
Input
Feedback divider word input pins determined by user. Forms a binary number
from 0 to 127. Internal pull-up
19
RES
BIAS
Resistor connection to VDD for setting level of PECL outputs.
21
PECLO
Output
Complementary PECL output.
22
PECLO
Output
PECL output. Rising edge aligns with PECLIN when connected directly to
FBPECL.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com