Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS527-04 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ICS527-04
Description  CLOCK SLICER USER CONFIGURABLE PECL INPUT ZDB
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS527-04 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ICS527-04 Datasheet HTML 2Page - Renesas Technology Corp ICS527-04 Datasheet HTML 3Page - Renesas Technology Corp ICS527-04 Datasheet HTML 4Page - Renesas Technology Corp ICS527-04 Datasheet HTML 5Page - Renesas Technology Corp ICS527-04 Datasheet HTML 6Page - Renesas Technology Corp ICS527-04 Datasheet HTML 7Page - Renesas Technology Corp ICS527-04 Datasheet HTML 8Page - Renesas Technology Corp ICS527-04 Datasheet HTML 9Page - Renesas Technology Corp ICS527-04 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ICS527-04
CLOCK SLICER USER CONFIGURABLE PECL INPUT ZDB
PECL ZDB AND MULTIPLIER/DIVIDER
IDT™ / ICS™ CLOCK SLICER USER CONFIGURABLE PECL INPUT ZDB
7
ICS527-04
REV F 051310
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, Ambient Temperature 0 to +70
° C
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, Ambient Temperature 0 to +70
° C
Note 1: Assumes clocks with same rise time, measured from rising edges at VDD/2.
Thermal Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.15
3.3
3.45
V
Input High Voltage
VIH
2V
Input Low Voltage
VIL
0.8
V
Peak to Peak Input
Voltage
Pins 7, 8, 10, 11
0.3
1
V
Common Mode Range
Pins 7, 8, 10, 11
VDD-1.4
VDD-0.6
V
Output High Voltage
VOH
IOH = -12 mA
2.4
V
Output Low Voltage
VOL
IOL = 12 mA
0.4
V
Operating Supply
Current
IDD
15 MHz in, 60 MHz
out, no load
8mA
Input Capacitance
CIN
4pF
On-chip pull-up resistor
RPU
configuration inputs
270
k
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
FIN
1.5
200
MHz
Output Frequency, CLK1
FOUT
0 to +70
° C4
160
MHz
Output Duty Cycle
tOD
45
50
55
%
Absolute Clock Period Jitter
tja
Deviation from mean
± 90
ps
One sigma Clock Period Jitter
tjs
40
ps
Input to output skew
tIO
PECLIN to PECLO,
Note 1
-250
250
ps
Device to device skew
tpi
Common CLKIN,
measured at FBPECL
500
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θJA
Still air
100
° C/W
θJA
1 m/s air flow
80
° C/W
θJA
3 m/s air flow
67
° C/W
Thermal Resistance Junction to Case
θJC
60
° C/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com