Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS601-21 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS601-21
Description  LOW PHASE NOISE CLOCK MULTIPLIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS601-21 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS601-21 Datasheet HTML 1Page - Renesas Technology Corp ICS601-21 Datasheet HTML 2Page - Renesas Technology Corp ICS601-21 Datasheet HTML 3Page - Renesas Technology Corp ICS601-21 Datasheet HTML 4Page - Renesas Technology Corp ICS601-21 Datasheet HTML 5Page - Renesas Technology Corp ICS601-21 Datasheet HTML 6Page - Renesas Technology Corp ICS601-21 Datasheet HTML 7Page - Renesas Technology Corp ICS601-21 Datasheet HTML 8Page - Renesas Technology Corp ICS601-21 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ICS601-21
LOW PHASE NOISE CLOCK MULTIPLIER
CLOCK MULTIPLIER
IDT® LOW PHASE NOISE CLOCK MULTIPLIER
4
ICS601-21
REV J 121412
DC Electrical Characteristics (continued)
Note 1: Outputs terminated with 50
 to VDD-2V
AC Electrical Characteristics
VDD = 3.3 V ±0.3V, Ambient Temperature 0 to +70
 C
Note 2: Input frequency limited by maximum output frequency and multiplication factor (I.e. For 16x, maximum input
frequency is 13.75 MHz).
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input High Voltage
VIH
Input select pins
2
VDD
V
Input Low Voltage
VIL
Input select pins
0.8
V
Output High Voltage
VOH
Note 1
VDD-1.4
VDD-1.0
V
Output Low Voltage
VOL
Note 1
VDD-2.0
VDD-1.7
V
Output Voltage Swing
Vswing
Peak to Peak
0.6
0.95
V
Operating Supply Current
IDD
Note 1, 125 MHz
30
45
mA
Input Capacitance
CIN
Input select pins
5
pF
On Chip Pull-up Resistor
RPU
Input select pins
510
k
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Crystal Input Frequency
Fin
Note 2
10
27
MHz
Clock Input Frequency
Fin
Note 2, “Multiply by 6” setting
10
38
MHz
Note 2, excluding “Multiply by 6”
setting
10
31
MHz
Output Frequency
10
230
MHz
Output Rise Time
tOR
20% to 80%, no load
600
900
ps
Output Fall Time
tOF
80% to 20%, no load
900
1200
ps
Output Clock Duty Cycle
at VDD/2
45
50
55
%
Maximum Absolute Jitter, short
term, 125 MHz
No load
±50
±75
ps
Maximum Jitter, one sigma,
125 MHz (x5)
No load
12
20
ps
Phase Noise, relative to carrier,
125 MHz (x5)
100 Hz offset
-90
-94
dBc/Hz
Phase Noise, relative to carrier,
125 MHz (x5)
1 kHz
-116
-120
dBc/Hz
Phase Noise, relative to carrier,
125 MHz (x5)
10 kHz offset
-118
-122
dBc/Hz
Phase Noise, relative to carrier,
125 MHz (x5)
100 kHz offset
-115
-119
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com