Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS601-21 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS601-21
Description  LOW PHASE NOISE CLOCK MULTIPLIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS601-21 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS601-21 Datasheet HTML 1Page - Renesas Technology Corp ICS601-21 Datasheet HTML 2Page - Renesas Technology Corp ICS601-21 Datasheet HTML 3Page - Renesas Technology Corp ICS601-21 Datasheet HTML 4Page - Renesas Technology Corp ICS601-21 Datasheet HTML 5Page - Renesas Technology Corp ICS601-21 Datasheet HTML 6Page - Renesas Technology Corp ICS601-21 Datasheet HTML 7Page - Renesas Technology Corp ICS601-21 Datasheet HTML 8Page - Renesas Technology Corp ICS601-21 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ICS601-21
LOW PHASE NOISE CLOCK MULTIPLIER
CLOCK MULTIPLIER
IDT® LOW PHASE NOISE CLOCK MULTIPLIER
5
ICS601-21
REV J 121412
Parameter Measurement Information
Period Jitter
V
OH
V
OL
V
REF
HISTOGRAM
Mean Period
(First edge after trigger)
1s contains 68.26% of all measurements
2s contains 95.4% of all measurements
3s contains 99.73% of all measurements
4s contains 99.99366% of all measurements
6s contains (100-1.973x10-7)% of all measurements
Reference Point
Clock
Outputs
80%
80%
20%
20%
t
OR
t
OF
OUTPUT RISE/FALL TIME
V
SWING
3.3V O utp ut Lo ad A C T est C ircuit
LVPEC L
V
DD
= 3.3V
G ND =0V
SCO P E
50
50
Z = 50
Z = 50
Qx
nQ x
CYCLE-TO-CYCLE JITTER
tjit(cc) = tcycle(n) - tcycle(n+1)
tcycle(n)
tcycle(n+1)
nFOUT
FOUT
1000 Cycles
3.3V LV P E C L D river Term ination
LVPECL
V
DD = 3.3V
G ND = 0V
50
50
Z = 50
Z = 50
Qx
nQ x
V
DD
-2V = 1.3V
Pulse Width
t
PERIOD
OUTPUT DUTY CYCLE AND t
PERIOD
t
PW
t
PERIOD
ODC =
nFOUT
FOUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com