Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS601-21 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS601-21
Description  LOW PHASE NOISE CLOCK MULTIPLIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS601-21 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS601-21 Datasheet HTML 1Page - Renesas Technology Corp ICS601-21 Datasheet HTML 2Page - Renesas Technology Corp ICS601-21 Datasheet HTML 3Page - Renesas Technology Corp ICS601-21 Datasheet HTML 4Page - Renesas Technology Corp ICS601-21 Datasheet HTML 5Page - Renesas Technology Corp ICS601-21 Datasheet HTML 6Page - Renesas Technology Corp ICS601-21 Datasheet HTML 7Page - Renesas Technology Corp ICS601-21 Datasheet HTML 8Page - Renesas Technology Corp ICS601-21 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DATASHEET
LOW PHASE NOISE CLOCK MULTIPLIER
ICS601-21
IDT® LOW PHASE NOISE CLOCK MULTIPLIER
1
ICS601-21
REV J 121412
Description
The ICS601-21 is a low-cost, low phase noise, high
performance clock synthesizer for applications which
require low phase noise and low jitter. It is IDT’s lowest
phase noise multiplier. Using IDT’s patented analog and
digital Phase Locked Loop (PLL) techniques, the chip
accepts a crystal or clock input, and produces output clocks
up to 230 MHz at 3.3 V.
This product is intended for clock generation. It has low
output jitter (variation in the output period), but input to
output skew and jitter are not defined nor guaranteed.
Features
• Fully integrated PLL, no external loop filter required
• Differential 3.3 V LVPECL outputs
• Uses fundamental crystal or clock
— Crystal input frequency: 10 to 27MHz
— Clock input: 10 to 38MHz (mulitply by 6)
10 to 31MHz (all other multiply settings)
• Output clocks up to 230 MHz at 3.3 V
• Low phase noise: -122 dBc/Hz at 10 kHz
• Low jitter - 15 ps one sigma typ.
• Powerdown mode lowers power consumption
• Packaged in 16-pin TSSOP, Pb-free
• Advanced, low power, sub-micron CMOS process
• Operating voltage of 3.3 V
• Commercial temperature range available
Block Diagram
CLK
ROM Based
Multipliers
VCO
Divide
X1/ICLK
X2
Crystal or
clock input
Crystal
Oscillator
Reference
Divider
Phase
Comparator
VDD
Charge
Pump
Loop
Filter
VCO
S2:0
nCLK
4
GND


Similar Part No. - ICS601-21

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS601-21 ICST-ICS601-21 Datasheet
139Kb / 6P
LOW PHASE NOISE CLOCK MULTIPLIER
More results

Similar Description - ICS601-21

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS601-01 ICST-ICS601-01 Datasheet
88Kb / 5P
Low Phase Noise Clock Multiplier
Revision 090800
ICS60101 ICST-ICS60101 Datasheet
176Kb / 8P
LOW PHASE NOISE CLOCK MULTIPLIER
Revision 111204
ICS601-02 ICST-ICS601-02 Datasheet
80Kb / 5P
Low Phase Noise Clock Multiplier
ICS601-21 ICST-ICS601-21 Datasheet
139Kb / 6P
LOW PHASE NOISE CLOCK MULTIPLIER
ICS613 ICST-ICS613 Datasheet
136Kb / 6P
LOW PHASE NOISE CLOCK MULTIPLIER
Revision 111204
logo
Integrated Device Techn...
ICS601-01 IDT-ICS601-01 Datasheet
230Kb / 9P
LOW PHASE NOISE CLOCK MULTIPLIER
ICS601-02 IDT-ICS601-02 Datasheet
196Kb / 8P
LOW PHASE NOISE CLOCK MULTIPLIER
logo
Abracon Corporation
ABX0101 ABRACON-ABX0101 Datasheet
57Kb / 5P
Low Phase Noise PLL Clock Multiplier
logo
Renesas Technology Corp
ICS601-01 RENESAS-ICS601-01 Datasheet
415Kb / 10P
LOW PHASE NOISE CLOCK MULTIPLIER
051310
ICS601-02 RENESAS-ICS601-02 Datasheet
355Kb / 9P
LOW PHASE NOISE CLOCK MULTIPLIER
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com