Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS650-21 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS650-21
Description  SYSTEM PERIPHERAL CLOCK SOURCE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS650-21 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS650-21 Datasheet HTML 1Page - Renesas Technology Corp ICS650-21 Datasheet HTML 2Page - Renesas Technology Corp ICS650-21 Datasheet HTML 3Page - Renesas Technology Corp ICS650-21 Datasheet HTML 4Page - Renesas Technology Corp ICS650-21 Datasheet HTML 5Page - Renesas Technology Corp ICS650-21 Datasheet HTML 6Page - Renesas Technology Corp ICS650-21 Datasheet HTML 7Page - Renesas Technology Corp ICS650-21 Datasheet HTML 8Page - Renesas Technology Corp ICS650-21 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ICS650-21
SYSTEM PERIPHERAL CLOCK SOURCE
CLOCK SYNTHESIZER
IDT™ / ICS™ SYSTEM PERIPHERAL CLOCK SOURCE
5
ICS650-21
REV J 051310
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, Ambient Temperature 0 to +70
° C
Note 1: Values dependent on programming.
Note 2: Measured with 15 pF load.
Thermal Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
25
MHz
Output Clocks Accuracy
(synthesis error)
All clocks
1
ppm
Output Rise Time
tOR
0.8 to 2.0 V, Note 2
1.5
ns
Output Fall Time
tOF
2.0 to 0.8 V, Note 2
1.5
ns
Output Clock Duty Cycle
UCLK, at VDD/2
40
50
60
%
PCLCK, ACLCK, at VDD/2
45
50
55
%
One Sigma Jitter
Except ACLK
75
ps
ACLK
120
ps
Absolute Clock Period Jitter
UCLK, 20M
-500
500
ps
Power-up Time
PLL lock time from power-up
to 1% of final value
14
ms
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θJA
Still air
135
° C/W
θJA
1 m/s air flow
93
° C/W
θJA
3 m/s air flow
78
° C/W
Thermal Resistance Junction to Case
θJC
60
° C/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com