Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS650-21 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS650-21
Description  SYSTEM PERIPHERAL CLOCK SOURCE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS650-21 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS650-21 Datasheet HTML 1Page - Renesas Technology Corp ICS650-21 Datasheet HTML 2Page - Renesas Technology Corp ICS650-21 Datasheet HTML 3Page - Renesas Technology Corp ICS650-21 Datasheet HTML 4Page - Renesas Technology Corp ICS650-21 Datasheet HTML 5Page - Renesas Technology Corp ICS650-21 Datasheet HTML 6Page - Renesas Technology Corp ICS650-21 Datasheet HTML 7Page - Renesas Technology Corp ICS650-21 Datasheet HTML 8Page - Renesas Technology Corp ICS650-21 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DATASHEET
SYSTEM PERIPHERAL CLOCK SOURCE
ICS650-21
IDT™ / ICS™ SYSTEM PERIPHERAL CLOCK SOURCE
1
ICS650-21
REV J 051310
Description
The ICS650-21 is a low cost, low-jitter, high-performance
clock synthesizer for system peripheral applications. Using
analog/digital Phase Locked Loop (PLL) techniques, the
device accepts a parallel resonant 25 MHz crystal input to
produce up to eight output clocks. The device provides
clocks for PCI, SCSI, Fast Ethernet, Ethernet, USB, and
AC97. The user can select one of three USB frequencies
and also one of two AC97 audio frequencies. The OE pin
puts all outputs into a high-impedance state for board level
testing. All frequencies are generated with less than one
ppm error, meeting the demands of SCSI and Ethernet
clocking.
Features
• Packaged in 20-pin SSOP (QSOP)
• Pb (lead) free package, RoHS compliant
• Lower jitter version of ICS650-01
• Operating voltage of 3.3 V or 5 V
• Zero ppm synthesis error in all clocks
• Inexpensive 25 MHz crystal or clock input
• Provides Ethernet and Fast Ethernet clocks
• Provides SCSI clocks
• Provides PCI clocks
• Selectable AC97 audio clock
• Selectable USB clock
• OE pin tri-states the outputs for testing
• Selectable frequencies on three clocks
• Duty cycle of 45/55 for Processor clock and Audio clock
• Advanced, low-power CMOS process
• Industrial temperature range available
Block Diagram
Clock
Synthesis
Circuitry
USB Clock
Processor
Clocks
25 MHz
Crystal or Clock
Audio Clock
20 MHz
3
OE (all outputs)
25 MHz
Crystal
Oscillator
X1/ICLK
X2
PSEL1:0
ASEL
USEL
VDD
3
2
GND
2
Optional crystal
capacitors


Similar Part No. - ICS650-21

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-21 ICST-ICS650-21 Datasheet
63Kb / 4P
System Peripheral Clock Source
Revision 010301
logo
Integrated Device Techn...
ICS650-21 IDT-ICS650-21 Datasheet
202Kb / 8P
SYSTEM PERIPHERAL CLOCK SOURCE
More results

Similar Description - ICS650-21

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8570A NSC-DP8570A Datasheet
381Kb / 26P
Timer Clock Peripheral (TCP)
DP8571A NSC-DP8571A Datasheet
361Kb / 24P
Timer Clock Peripheral (TCP)
logo
Integrated Circuit Syst...
ICS650-01 ICST-ICS650-01 Datasheet
42Kb / 4P
System Peripheral Clock Source
Revision 092799
ICS650-21 ICST-ICS650-21 Datasheet
63Kb / 4P
System Peripheral Clock Source
Revision 010301
ICS409 ICST-ICS409 Datasheet
137Kb / 5P
PC PERIPHERAL CLOCK
Revision 111005
ICS411 ICST-ICS411 Datasheet
137Kb / 5P
PC PERIPHERAL CLOCK
Revision 062005
ICS650-01B ICST-ICS650-01B Datasheet
44Kb / 4P
System Peripheral Clock Source
Revision 041499
logo
Texas Instruments
DP8570A TI1-DP8570A_11 Datasheet
423Kb / 28P
DP8570A Timer Clock Peripheral
logo
Integrated Device Techn...
ICS650-21 IDT-ICS650-21 Datasheet
202Kb / 8P
SYSTEM PERIPHERAL CLOCK SOURCE
logo
Renesas Technology Corp
ICS650-01 RENESAS-ICS650-01 Datasheet
382Kb / 9P
SYSTEM PERIPHERAL CLOCK SOURCE
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com