Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS650-21 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS650-21
Description  SYSTEM PERIPHERAL CLOCK SOURCE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS650-21 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS650-21 Datasheet HTML 1Page - Renesas Technology Corp ICS650-21 Datasheet HTML 2Page - Renesas Technology Corp ICS650-21 Datasheet HTML 3Page - Renesas Technology Corp ICS650-21 Datasheet HTML 4Page - Renesas Technology Corp ICS650-21 Datasheet HTML 5Page - Renesas Technology Corp ICS650-21 Datasheet HTML 6Page - Renesas Technology Corp ICS650-21 Datasheet HTML 7Page - Renesas Technology Corp ICS650-21 Datasheet HTML 8Page - Renesas Technology Corp ICS650-21 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ICS650-21
SYSTEM PERIPHERAL CLOCK SOURCE
CLOCK SYNTHESIZER
IDT™ / ICS™ SYSTEM PERIPHERAL CLOCK SOURCE
2
ICS650-21
REV J 051310
Pin Assignment
USB Clock (MHz)
Processor Clock (MHz)
Audio Clock (MHz)
0 = connect directly to ground
1 = connect directly to VDD
M = leave unconnected (floating)
Pin Descriptions
USEL
UCLK
012
M24
148
13
4
12
5
11
VDD
8
9
10
VDD
20M
OFF/14.318M
OE
ACLK
PCLK1
17
16
25M
3
X1/ICLK
VDD
PCLK3
18
PCLK2
1
USEL
X2
PSEL0
20
PSEL1
19
14
2
7
GND
UCLK
ASEL
GND
15
6
20-pin (150 mil) SSOP
PSEL1
PSEL0
PCLK1
PCLK2, 3
00
25
50
0M
TEST MODE
01
TEST MODE
M0
40
80
M
M
33.3333
66.6667
M1
20
40
1
0
20
33.3333
1
M
20
66.6667
1
1
50
100
ASEL
ACLK
0
49.152
M
24.576
1
14.318
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
USEL
Input
UCLK select pin. Determines frequency of USB clock per table above.
2
X2
XO
Crystal connection. Connect to parallel mode 25 MHz crystal. Leave open
for clock.
3
X1/ICLK
XI
Crystal connection. Connect to parallel mode 25 MHz crystal or clock.
4
VDD
Power
Connect to VDD. Must be same value as other VDD. Decouple with pin 6.
5
VDD
Power
Connect to VDD. Must be same value as other VDD.
6
GND
Power
Connect to ground.
7
UCLK
Output
USB clock output per table above.
8
20M
Output
Fixed 20 MHz output for Ethernet.
9
ACLK
Output
AC97 audio clock output per table above.
10
25M
Output
Fixed 25 MHz reference output for Fast Ethernet.
11
OE
Input
Output enable. Tri-states all outputs when low.
12
PCLK1
Output
PCLK output number 1 per table above.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com