Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR93. Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BFR93.
Description  NPN 5 GHz wideband transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFR93. Datasheet(HTML) 5 Page - NXP Semiconductors

  BFR93. Datasheet HTML 1Page - NXP Semiconductors BFR93. Datasheet HTML 2Page - NXP Semiconductors BFR93. Datasheet HTML 3Page - NXP Semiconductors BFR93. Datasheet HTML 4Page - NXP Semiconductors BFR93. Datasheet HTML 5Page - NXP Semiconductors BFR93. Datasheet HTML 6Page - NXP Semiconductors BFR93. Datasheet HTML 7Page - NXP Semiconductors BFR93. Datasheet HTML 8Page - NXP Semiconductors BFR93. Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1997 Oct 29
5
Philips Semiconductors
Product specification
NPN 5 GHz wideband transistor
BFR93
Fig.6
Transition frequency as a function of
collector current; typical values.
VCE = 5 V; f = 500 MHz; Tj =25 °C.
handbook, halfpage
010
20
40
6
0
2
4
MEA449
I
(mA)
C
f T
(GHz)
30
Fig.7
Gain as a function of frequency;
typical values.
IC = 30 mA; VCE = 5 V; Tamb =25 °C.
handbook, halfpage
MEA419
0
20
30
10
2
10 3
10
4
10
f (MHz)
gain
(dB)
G UM
I S
I
12
2
Fig.8
Minimum noise figure as a function of
collector current; typical values.
VCE = 5 V; f = 500 MHz; ZS = opt.; Tamb =25 °C.
handbook, halfpage
MEA453
0
10
0
30
10
20
F
(dB)
5
40
I
(mA)
C
Fig.9
Minimum noise figure as a function of
frequency; typical values.
IC = 2 mA; VCE = 5 V; ZS = opt.; Tamb =25 °C.
handbook, halfpage
10
0
10
MEA452
110
2
4
6
8
F
(dB)
f (GHz)
–1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com