Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR93. Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFR93.
Description  NPN 5 GHz wideband transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFR93. Datasheet(HTML) 2 Page - NXP Semiconductors

  BFR93. Datasheet HTML 1Page - NXP Semiconductors BFR93. Datasheet HTML 2Page - NXP Semiconductors BFR93. Datasheet HTML 3Page - NXP Semiconductors BFR93. Datasheet HTML 4Page - NXP Semiconductors BFR93. Datasheet HTML 5Page - NXP Semiconductors BFR93. Datasheet HTML 6Page - NXP Semiconductors BFR93. Datasheet HTML 7Page - NXP Semiconductors BFR93. Datasheet HTML 8Page - NXP Semiconductors BFR93. Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1997 Oct 29
2
Philips Semiconductors
Product specification
NPN 5 GHz wideband transistor
BFR93
FEATURES
• Very low intermodulation distortion
• High power gain
• Excellent wideband properties and
low noise up to high frequencies
due to its very high transition
frequency.
APPLICATIONS
• RF wideband amplifiers and
oscillators.
DESCRIPTION
NPN wideband transistor in a plastic
SOT23 package.
PNP complement: BFT93.
PINNING
PIN
DESCRIPTION
1
base
2
emitter
3
collector
Fig.1 SOT23.
page
MSB003
Top view
12
3
Marking code: R1p.
QUICK REFERENCE DATA
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Ts is the temperature at the soldering point of the collector pin.
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
15
V
VCEO
collector-emitter voltage
open base
12
V
IC
collector current (DC)
35
mA
Ptot
total power dissipation
Ts ≤ 95 °C
300
mW
Cre
feedback capacitance
IC = 2 mA; VCE = 5 V; f = 1 MHz
0.8
pF
fT
transition frequency
IC = 30 mA; VCE = 5 V; f = 500 MHz;
Tj =25 °C
5
GHz
GUM
maximum unilateral power gain
IC = 30 mA; VCE = 5 V; f = 500 MHz;
Tamb =25 °C
16.5
dB
F
noise figure
IC = 2 mA; VCE = 5 V; f = 500 MHz;
Tamb =25 °C
1.9
dB
dim
intermodulation distortion
IC = 30 mA; VCE =5V; RL =75 Ω;
VO = 300 mV; fp +fq − fr = 493.25 MHz;
Tamb =25 °C
−60
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
15
V
VCEO
collector-emitter voltage
open base
12
V
VEBO
emitter-base voltage
open collector
2V
IC
collector current (DC)
35
mA
Ptot
total power dissipation
Ts ≤ 95 °C; note 1
300
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
175
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com