Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR93. Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BFR93.
Description  NPN 5 GHz wideband transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFR93. Datasheet(HTML) 3 Page - NXP Semiconductors

  BFR93. Datasheet HTML 1Page - NXP Semiconductors BFR93. Datasheet HTML 2Page - NXP Semiconductors BFR93. Datasheet HTML 3Page - NXP Semiconductors BFR93. Datasheet HTML 4Page - NXP Semiconductors BFR93. Datasheet HTML 5Page - NXP Semiconductors BFR93. Datasheet HTML 6Page - NXP Semiconductors BFR93. Datasheet HTML 7Page - NXP Semiconductors BFR93. Datasheet HTML 8Page - NXP Semiconductors BFR93. Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1997 Oct 29
3
Philips Semiconductors
Product specification
NPN 5 GHz wideband transistor
BFR93
THERMAL CHARACTERISTICS
Note
1. Ts is the temperature at the soldering point of the collector pin.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Notes
1. GUM is the maximum unilateral power gain, assuming S12 is zero and
2. Die mounted in a SOT37 package (BFR91).
3. IC = 30 mA; VCE = 5 V; RL =75 Ω; VSWR < 2; Tamb =25 °C;
Vp =VO = 300 mV at fp = 495.25 MHz;
Vq =VO −6 dB at fq = 503.25 MHz;
Vr =VO −6 dB at fr = 505.25 MHz;
measured at fp +fq − fr = 493.25 MHz.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point Ts ≤ 95 °C; note 1
260
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB =10V
−−
50
nA
hFE
DC current gain
IC = 30 mA; VCE = 5 V
40
90
−
Cc
collector capacitance
IE =ie = 0; VCB = 10 V; f = 1 MHz
−
0.7
−
pF
Ce
emitter capacitance
IC =ic = 0; VEB = 0.5 V; f = 1 MHz
−
1.8
−
pF
Cre
feedback capacitance
IC = 2 mA; VCE = 5 V; f = 1 MHz;
Tamb =25 °C
−
0.8
−
pF
fT
transition frequency
IC = 30 mA; VCE = 5 V; f = 500 MHz
−
5
−
GHz
GUM
maximum unilateral power gain
(note 1)
IC = 30 mA; VCE = 5 V; f = 500 MHz;
Tamb =25 °C
−
16.5
−
dB
F
noise figure (note 2)
IC = 2 mA; VCE = 5 V; f = 500 MHz;
ZS = opt.; Tamb =25 °C
−
1.9
−
dB
dim
intermodulation distortion
note 3
−−60
−
dB
G
UM
10 log
S
21
2
1
S
11
2
–


1
S
22
2
–


-------------------------------------------------------------- dB
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com