Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5322ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5322ACPZ-R7
Description  700 MHz to 1000 MHz GaAs Matched RF PA Predriver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5322ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL5322ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5322ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5322ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5322ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5322ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5322ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5322ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5322ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5322ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADL5322
Rev. 0 | Page 3 of 12
SPECIFICATIONS
VCC = 5 V, TA = 25°C.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
FREQUENCY RANGE
700
1000
MHz
GAIN
Frequency = 850 MHz
19
20.3
21.4
dB
vs. Frequency
832 MHz to 870 MHz
±0.125
dB
vs. Temperature
−40°C to +85°C
±1
dB
vs. Voltage
5 V, @ 5% (4.75 V to 5.25 V)
±0.1
dB
Frequency = 900 MHz
18.6
19.9
21.1
dB
vs. Frequency
869 MHz to 894 MHz
±0.125
dB
vs. Temperature
−40°C to +85°C
±1
dB
vs. Voltage
5 V, @ 5% (4.75 V to 5.25 V)
±0.1
dB
Frequency = 950 MHz
18.3
19.6
20.8
dB
vs. Frequency
925 MHz to 960 MHz
±0.125
dB
vs. Temperature
−40°C to +85°C
±1.1
dB
vs. Voltage
5 V, @ 5% (4.75 V to 5.25 V)
±0.1
dB
P1 dB
Frequency = 850 MHz
27.0
27.7
dBm
vs. Frequency
832 MHz to 870 MHz
±0.1
dBm
vs. Temperature
−40°C to +85°C
±1
dBm
vs. Voltage
5 V, @ 5% (4.75 V to 5.25 V)
±0.3
dBm
Frequency = 900 MHz
27.3
27.9
dBm
vs. Frequency
869 MHz to 894 MHz
±0.1
dBm
vs. Temperature
−40°C to +85°C
±1
dBm
vs. Voltage
5 V, @ 5% (4.75 V to 5.25 V)
±0.4
dBm
Frequency = 950 MHz
26.7
27.5
dBm
vs. Frequency
925 MHz to 960 MHz
±0.2
dBm
vs. Temperature
−40°C to +85°C
±1
dBm
vs. Voltage
5 V, @ 5% (4.75 V to 5.25 V)
±0.4
dBm
NOISE FIGURE
Frequency = 830 MHz to 960 MHz
5
dB
INPUT RETURN LOSS
Frequency = 830 MHz to 960 MHz
−10
dB
OUTPUT RETURN LOSS
Frequency = 830 MHz to 960 MHz
−10
dB
OIP3
Carrier spacing = 1 MHz, POUT = 5 dBm per carrier
Frequency = 850 MHz
44.8
dBm
vs. Frequency
832 MHz to 870 MHz
±0.25
dBm
vs. Temperature
−40°C to +85°C
±3.0
dBm
vs. Voltage
5 V, @ 5% (4.75 V to 5.25 V)
±0.5
dBm
Frequency = 900 MHz
45.3
dBm
vs. Frequency
869 MHz to 894 MHz
±0.25
dBm
vs. Temperature
−40°C to +85°C
±2.7
dBm
vs. Voltage
5 V, @ 5% (4.75 V to 5.25 V)
±0.8
dBm
Frequency = 950 MHz
44.4
dBm
vs. Frequency
925 MHz to 960 MHz
±0.25
dBm
vs. Temperature
−40°C to +85°C
±2.2
dBm
vs. Voltage
5 V, @ 5% (4.75 V to 5.25 V)
±0.8
dBm
POWER SUPPLY
Supply Voltage
4.75
5
5.25
V
Supply Current
POUT = 5 dBm
320
mA
Operating Temperature
−40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com