Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5322ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5322ACPZ-R7
Description  700 MHz to 1000 MHz GaAs Matched RF PA Predriver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5322ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5322ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5322ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5322ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5322ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5322ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5322ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5322ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5322ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5322ACPZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADL5322
Rev. 0 | Page 10 of 12
EVALUATION BOARD
Figure 17 shows the schematic of the ADL5322 evaluation
board. The board is powered by a single supply in the 4.75 V to
5.25 V range. The power supply is decoupled on each of the
three power supply pins by 10 μF, 10 nF, and 100 pF capacitors.
See Table 5 for exact evaluation board component values. Note
that all three VCC pins (Pin 1, Pin 2, and Pin 5) should be
independently bypassed as shown in Figure 17 for proper
operation.
Figure 16. Evaluation Board Component Side View
Table 5. Evaluation Board Components
Component
Function
Default Value
DUT1
Driver amplifier
ADL5322
C1, C12, C16
Low frequency bypass capacitors
10 μF, 0603
C3, C11, C17
Low frequency bypass capacitors
10 nF, 0402
C2, C10, C18
High frequency bypass capacitors
100 pF, 0402
C8, C9, C13, C14, R3
Open
Open, 0402
R2, R4
AC coupling capacitors
100 pF, 0402
AGND
AGND
AGND
AGND
AGND
AGND
VCC
RFIN
RFOUT
ADL5322/
ADL5323
VCC
VCC
GND
GND
RFIN
VCC
GND
RFOUT
R2
100pF
DUT1
VCC
VCC
VCC
GND
8
7
6
5
1
2
3
4
AGND
C2
100pF
C1
10µF
C3
10nF
AGND
AGND
C8
OPEN
C9
OPEN
R4
100pF
VCC
TP2
VCC
SNS1
AGND
AGND
AGND
C16
10µF
C18
100pF
TP1
C17
10nF
AGND
AGND
AGND
C12
10µF
C10
100pF
C11
10nF
AGND
AGND
C13
OPEN
C14
OPEN
R3
OPEN
W1
Figure 17. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com