Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5322ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5322ACPZ-R7
Description  700 MHz to 1000 MHz GaAs Matched RF PA Predriver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5322ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5322ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5322ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5322ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5322ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5322ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5322ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5322ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5322ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5322ACPZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADL5322
Rev. 0 | Page 8 of 12
BASIC CONNECTIONS
Figure 14 shows the basic connections for operating the
ADL5322. Each of the three power supply lines should be
decoupled with 10 μF, 10 nF, and 100 pF capacitors. Pin 3, Pin 6,
Pin 7, and the exposed paddle under the device should all be
connected to a low impedance ground plane. If multiple ground
planes are being used, these should be stitched together with
vias under the device to optimize thermal conduction. See
recommended land pattern in Figure 12.
Figure 12. Recommended Land Pattern
CDMA2000 DRIVING APPLICATION
Figure 13 shows a plot of the spectrum of an ADL5323 driving
at 4-carrier CDMA2000 signal at 0 dBm per carrier (total
carrier power = 6 dBm), centered at 880 MHz. At 750 kHz
and 1.98 MHz offset, adjacent channel power ratios of −59 dBc
and −84 dBc (measured in 30 kHz with respect to the 1.22 MHz
carrier) are observed. At 4 MHz carrier offset, −73 dBc is
measured in a 1 MHz bandwidth (−133 dBm/Hz). Note that
the spectrum of the four carriers is slightly rounded due the
frequency response of the cavity-tuned filter that was used to
filter out the noise and distortion of the source signal.
–10
–110
CENTER 881.875MHz
SPAN 10MHz
1MHz/
–50
–60
–70
–80
–90
–100
–20
–30
–40
RBW = 30kHz
VBW = 300kHz
SWT = 2s
RF ATT = 20dB
MIXER = –10dBm
CH PWR = 0.26dBm
ACP UP = –59.33dB
ALT1 UP = –84.35dB
ALT2 UP = –72.74dB
Figure 13. Spectrum of 4 Adjacent CDMA2000 Carriers Centered at 880 MHz;
Total Carrier Power = 6 dBm (0 dBm per Carrier)
AGND
AGND
AGND
AGND
VCC
RFIN
RFOUT
ADL5322
VCC
VCC
GND
GND
RFIN
VCC
GND
RFOUT
C4
100pF
EP
8
7
6
5
1
2
3
4
AGND
C2
100pF
C1
10µF
C3
10nF
C5
100pF
VCC
VCC
AGND
AGND
AGND
C11
10µF
C9
100pF
C10
10nF
AGND
AGND
AGND
C8
10µF
C6
100pF
C7
10nF
Figure 14. Basic Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com