Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5391ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5391ACPZ-R7
Description  DC to 2.0 GHz Multiplier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5391ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5391ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADL5391
Rev. 0 | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
COMM
2
VPOS
3
VPOS
4
VPOS
11 YPLS
12 YMNS
10 ZPLS
9ZMNS
ADL5391
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 7
COMM
Device Common. Connect via lowest possible impedance to external circuit common.
2 to 4
VPOS
Positive Supply Voltage. 4.5 V to 5.5 V.
5, 6
WPLS, WMNS
Differential Outputs.
8
GADJ
Denominator Scaling Input.
9, 10
ZMNS, ZPLS
Differential Intercept Inputs. Must be ac-coupled. Differential impedance 50 Ω nominal.
11, 12
YPLS, YMNS
Differential X-Multiplicand Inputs.
13, 14
XPLS, XMNS
Differential Y-Multiplicand Inputs.
15
ENBL
Chip Enable. High to enable.
16
VMID
VPOS/2 Reference Output. Connect decoupling capacitor to circuit common.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com