Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5391ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5391ACPZ-R7
Description  DC to 2.0 GHz Multiplier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5391ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5391ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADL5391
Rev. 0 | Page 8 of 16
0.20
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
24.5
32.5
31.5
30.5
29.5
28.5
27.5
26.5
25.5
TIME (ns)
X ± INPUT = ±100mV p-p, @ 200MHz
Y ± INPUT = 1.0V DC DIFFERENTIAL
Figure 9. Small Signal Pulse Response
200MHz
400MHz
600MHz
10MHz
30MHz
20MHz
Figure 10. Harmonic Distortion at 10 MHz and 200 MHz;
0 dBm Input to X (Y) Channels
28
26
24
22
20
18
16
14
12
10
–40
–15
10356085
TEMPERATURE (°C)
Figure 11. X ( Y) Offset Drift vs. Temperature
30
0
5
10
15
20
25
02
Y = 1
Y = 0.5
1500
1000
500
FREQUENCY (MHz)
000
Figure 12. OIP3 vs. Frequency
Pin 0 dBm, Y = 1 V dc, 0.5 V dc
0.05
0.04
0.03
0.02
0.01
0
–0.01
–0.02
–0.03
–0.04
–0.05
–0.05
0.05
0.04
0.03
0.02
0.01
0
–0.01
–0.02
–0.03
–0.04
YDIFF (VDC)
+85°C, X = +1
+85°C, X = –1
–40°C, X = –1
–40°C, X = +1
+25°C, X = –1
+25°C, X = +1
Figure 13. Z (W) Offset Over Temperature
45
15
20
25
30
35
40
2000
200
400
600
800
1000 1200 1400 1600 1800
FREQUENCY (MHz)
X = 0V, Y = 1V
X = Y = 1V
X = Y = 0V
Figure 14. Noise vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com