Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5391ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5391ACPZ-R7
Description  DC to 2.0 GHz Multiplier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5391ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5391ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5391ACPZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADL5391
Rev. 0 | Page 12 of 16
0
–65
–60
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
10
100
200
300
400
500
600
700
800
900 1000
FREQUENCY (MHz)
BLEEDTHRU GAIN
SECOND HARMONIC GAIN
THIRD HARMONIC GAIN
Figure 18. Single-Ended (DC) ADL5391 Used as a Harmonic Generator
21Ω
74Ω
21Ω
74Ω
XIN
YIN
150Ω
62Ω
5dB PAD
5dB PAD
10dB PAD
53Ω
53Ω
200Ω
XM
XP
YM
YP
WP
WM
Figure 19. Setup for Single-Ended Data
Use as a Detector
The ADL5391 can be used as a square law detector. When
amplitude squaring is performed, there are components of the
multiplier output that correlate to the signal bleedthrough and
second harmonic, as seen in Equation 4. However, as noted in
the Squaring and Frequency Doubling section, there is also a dc
component that is directly related to the offset and the squared
input magnitude. If a signal is split and feed into the X and Y
inputs and a low-pass filter were place on the output, the resulting
dc signal would be directly related to the square of the input
magnitude. The intercept of the response will shift slightly from
part to part (and over temperature) with the offset, but this can
be removed through calibration. Figure 20 shows the response
of the ADL5391 as a square law detector, Figure 21 shows the
error vs. the input power, and Figure 22 shows the
configuration used.
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
00
0.7
0.6
0.5
0.4
0.3
0.2
0.1
VIN (V rms)2
.8
Figure 20. ADL5391 Used as Square Law Detector DC Output vs. Square of Input
1.6
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
–30
10
5
0
–5
–10
–15
–20
–25
PIN X (dBm)
Figure 21. ADL5391Used as a Square Law Detector Error vs. Power Input
T1
45nF
40µH
40µH
74µH
74µH
J2
WM
J1
WP
XM
XP
YM
YP
11
12
13
14
WP
WM
6
5
R2
56.2Ω
TC1-1-13M
T3
C7
0.1µF
C18
0.1µF
J6
YP
R1
56.2Ω
TC1-1-13M
T2
C4
0.1µF
C20
0.1µF
J8
XP
R4
100Ω
R12
OPEN
40nF
R6
24.9Ω
R5
24.9Ω
Figure 22. Schematic for ADL5391 Used as Square Law Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com