Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD54003-E Datasheet(PDF) 13 Page - STMicroelectronics

Part # PD54003-E
Description  RF POWER transistor, LDMOST plastic family N-channel enhancement-mode, lateral MOSFETs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD54003-E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PD54003-E Datasheet HTML 9Page - STMicroelectronics PD54003-E Datasheet HTML 10Page - STMicroelectronics PD54003-E Datasheet HTML 11Page - STMicroelectronics PD54003-E Datasheet HTML 12Page - STMicroelectronics PD54003-E Datasheet HTML 13Page - STMicroelectronics PD54003-E Datasheet HTML 14Page - STMicroelectronics PD54003-E Datasheet HTML 15Page - STMicroelectronics PD54003-E Datasheet HTML 16Page - STMicroelectronics PD54003-E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
PD54003-E, PD54003S-E
Test circuit
13/28
5
Test circuit
Figure 23.
Test circuit schematic
Table 6.
Test circuit component part list
Component
Description
B1,B2
SHORT FERRITE BEAD, FAIR RITE PRODUCTS (2743021446)
C1,C13
240 pF, 100 mil CHIP CAPACITOR
C2,C3,C4,C10,C11,C12
0 TO 20 pF TRIMMER CAPACITOR
C5
130 pF, 100 mil CHIP CAPACITOR
C6,C17
120 pF, 100 mil CHIP CAPACITOR
C7,C14
10
µF, 50 V ELECTROLITIC CAPACITOR
C8,C15
1.200 pF, 100 mil CHIP CAPACITOR
C9,C16
0.1 F, 100 mil CHIP CAPACITOR
L1
55,5 Nh, 5 TURN, COILCRAFT
N1,N2
TYPE N FLANGE MOUNT
R1
15
Ω, 0805 CHIP RESISTOR
R2
1.0 K
Ω, 1/8 W RESISTOR
R3
15
Ω, 0805 CHIP RESISTOR
R4
33 K
Ω, 1/8 W RESISTOR
Z1
0.175” X 0.080” MICROSTRIP
Z2
1.049” X 0.080” MICROSTRIP
Z3
0.289” X 0.080” MICROSTRIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com