Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD54003-E Datasheet(PDF) 17 Page - STMicroelectronics

Part # PD54003-E
Description  RF POWER transistor, LDMOST plastic family N-channel enhancement-mode, lateral MOSFETs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD54003-E Datasheet(HTML) 17 Page - STMicroelectronics

Back Button PD54003-E Datasheet HTML 13Page - STMicroelectronics PD54003-E Datasheet HTML 14Page - STMicroelectronics PD54003-E Datasheet HTML 15Page - STMicroelectronics PD54003-E Datasheet HTML 16Page - STMicroelectronics PD54003-E Datasheet HTML 17Page - STMicroelectronics PD54003-E Datasheet HTML 18Page - STMicroelectronics PD54003-E Datasheet HTML 19Page - STMicroelectronics PD54003-E Datasheet HTML 20Page - STMicroelectronics PD54003-E Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
PD54003-E, PD54003S-E
Common source s-parameter
17/28
7.2
PD54003 (VDS = 7.5V, IDS = 500mA)
Table 8.
S-parameter
FREQ
IS11IS11
∠Φ
IS21IS21
∠Φ
IS12IS12
∠Φ
IS22IS22
∠Φ
(MHz)
50
0.779
-162
16.39
88
0.026
4
0.772
-160
100
0.810
-168
7.93
79
0.025
-7
0.768
-168
150
0.836
-171
5.18
73
0.024
-13
0.774
-171
200
0.850
-173
3.81
67
0.023
-16
0.784
-172
250
0.861
-174
2.96
60
0.022
-21
0.795
-173
300
0.871
-175
2.39
55
0.020
-24
0.815
-174
350
0.881
-176
1.97
49
0.018
-27
0.813
-174
400
0.890
-176
1.65
45
0.017
-31
0.845
-175
450
0.901
-177
1.40
40
0.016
-30
0.865
-176
500
0.908
-178
1.20
36
0.015
-34
0.876
176
550
0.915
-179
1.05
32
0.013
-32
0.886
-177
600
0.924
-179
0.92
28
0.012
-34
0.894
-178
650
0.928
180
0.81
25
0.010
-33
0.900
-179
700
0.934
179
0.72
22
0.010
-33
0.906
180
750
0.937
178
0.65
19
0.008
-29
0.912
179
800
0.939
177
0.59
17
0.007
-24
0.920
178
850
0.943
177
0.53
14
0.006
-15
0.928
177
900
0.943
176
0.48
12
0.006
-7
0.932
176
950
0.948
175
0.45
10
0.005
9
0.934
175
1000
0.950
175
0.41
7
0.005
11
0.938
174
1050
0.952
174
0.38
5
0.006
28
0.934
173
1100
0.955
173
0.35
3
0.006
33
0.937
172
1150
0.954
172
0.32
1
0.007
41
0.938
172
1200
0.954
172
0.30
0
0.007
40
0.938
171
1250
0.953
172
0.28
-3
0.008
51
0.940
170
1300
0.952
170
0.26
-4
0.008
53
0.939
169
1350
0.954
170
0.24
-5
0.010
55
0.936
168
1400
0.952
169
0.23
-6
0.011
57
0.943
167
1450
0.952
168
0.22
-7
0.011
59
0.933
167
1500
0.950
168
0.20
-8
0.010
70
0.930
166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com