Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD54003-E Datasheet(PDF) 21 Page - STMicroelectronics

Part # PD54003-E
Description  RF POWER transistor, LDMOST plastic family N-channel enhancement-mode, lateral MOSFETs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD54003-E Datasheet(HTML) 21 Page - STMicroelectronics

Back Button PD54003-E Datasheet HTML 17Page - STMicroelectronics PD54003-E Datasheet HTML 18Page - STMicroelectronics PD54003-E Datasheet HTML 19Page - STMicroelectronics PD54003-E Datasheet HTML 20Page - STMicroelectronics PD54003-E Datasheet HTML 21Page - STMicroelectronics PD54003-E Datasheet HTML 22Page - STMicroelectronics PD54003-E Datasheet HTML 23Page - STMicroelectronics PD54003-E Datasheet HTML 24Page - STMicroelectronics PD54003-E Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
PD54003-E, PD54003S-E
Common source s-parameter
21/28
7.6
PD54003S (VDS = 7.5V, IDS = 1A)
Table 12.
S-parameter
FREQ
IS11IS11
∠Φ
IS21IS21
∠Φ
IS12IS12
∠Φ
IS22IS22
∠Φ
(MHz)
50
0.879
-164
14.04
88
0.021
0
0.828
-168
100
0.879
-172
6.82
82
0.020
-5
0.826
-174
150
0.885
-174
4.50
78
0.020
-9
0.832
-175
200
0.887
-175
3.34
73
0.020
-11
0.831
-176
250
0.890
-176
2.65
68
0.019
-16
0.844
-177
300
0.894
-177
2.18
64
0.019
-18
0.847
-176
350
0.898
-177
1.82
60
0.018
-21
0.857
-177
400
0.907
-178
1.57
55
0.017
-21
0.864
-177
450
0.910
-178
1.35
51
0.016
-25
0.866
-177
500
0.914
-179
1.18
47
0.015
-29
0.877
-178
550
0.922
-179
1.04
44
0.014
-30
0.887
-178
600
0.926
-180
0.93
41
0.014
-30
0.888
-179
650
0.930
180
0.84
38
0.130
-33
0.897
-179
700
0.934
179
0.75
35
0.012
-33
0.905
-180
750
0.938
179
0.68
32
0.011
-34
0.907
180
800
0.940
178
0.62
30
0.010
-33
0.914
179
850
0.946
178
0.57
27
0.010
-30
0.913
179
900
0.944
177
0.52
24
0.009
-27
0.921
178
950
0.946
177
0.48
22
0.008
-28
0.928
177
1000
0.95
176
0.45
19
0.008
-31
0.930
177
1050
0.949
176
0.42
17
0.006
-26
0.933
177
1100
0.953
176
0.39
15
0.006
-19
0.933
176
1150
0.954
175
0.36
13
0.005
-16
0.937
176
1200
0.956
175
0.34
11
0.005
-15
0.938
175
1250
0.957
174
0.32
9
0.004
3
0.934
175
1300
0.955
174
0.30
7
0.003
2
0.934
174
1350
0.955
173
0.28
6
0.005
25
0.937
174
1400
0.955
173
0.26
5
0.005
33
0.935
173
1450
0.957
172
0.25
4
0.005
31
0.943
172
1500
0.954
172
0.23
3
0.004
42
0.943
172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com