Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD54003S-E Datasheet(PDF) 18 Page - STMicroelectronics

Part # PD54003S-E
Description  RF POWER transistor, LDMOST plastic family N-channel enhancement-mode, lateral MOSFETs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD54003S-E Datasheet(HTML) 18 Page - STMicroelectronics

Back Button PD54003S-E Datasheet HTML 14Page - STMicroelectronics PD54003S-E Datasheet HTML 15Page - STMicroelectronics PD54003S-E Datasheet HTML 16Page - STMicroelectronics PD54003S-E Datasheet HTML 17Page - STMicroelectronics PD54003S-E Datasheet HTML 18Page - STMicroelectronics PD54003S-E Datasheet HTML 19Page - STMicroelectronics PD54003S-E Datasheet HTML 20Page - STMicroelectronics PD54003S-E Datasheet HTML 21Page - STMicroelectronics PD54003S-E Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Common source s-parameter
PD54003-E, PD54003S-E
18/28
7.3
PD54003 (VDS = 7.5V IDS = 1A)
Table 9.
S-parameter
FREQ
IS11IS11
∠Φ
IS21IS21
∠Φ
IS12IS12
∠Φ
IS22IS22
∠Φ
(MHz)
50
0.802
-166
16.70
88
0.021
0
0.793
-164
100
0.831
-170
8.10
80
0.021
-6
0.790
-171
150
0.855
-173
5.32
75
0.020
-8
0.793
-173
200
0.867
-175
3.94
69
0.019
-13
0.801
-174
250
0.876
-175
3.08
64
0.019
-16
0.807
-175
300
0.883
-177
2.52
59
0.018
-19
0.822
-176
350
0.887
-177
2.09
53
0.017
-22
0.834
-176
400
0.864
-178
1.77
49
0.015
-24
0.844
-177
450
0.903
-178
1.52
44
0.014
-23
0.864
-177
500
0.911
-179
1.32
40
0.013
-26
0.871
-178
550
0.916
-180
1.15
36
0.012
-27
0.880
-179
600
0.922
179
1.01
33
0.010
-25
0.886
-179
650
0.926
179
0.90
30
0.010
-20
0.989
180
700
0.931
178
0.81
27
0.009
-23
0.898
179
750
0.934
177
0.73
24
0.008
-15
0.903
178
800
0.938
177
0.66
21
0.007
-16
0.911
177
850
0.941
176
0.60
18
0.007
2
0.919
176
900
0.944
175
0.55
16
0.007
3
0.923
175
950
0.945
175
0.51
13
0.007
14
0.927
175
1000
0.947
174
0.47
11
0.005
29
0.930
174
1050
0.950
173
0.43
9
0.007
24
0.930
173
1100
0.952
173
0.40
6
0.007
41
0.929
172
1150
0.947
172
0.37
4
0.007
35
0.932
171
1200
0.949
171
0.35
2
0.009
47
0.931
171
1250
0.951
171
0.32
0
0.009
52
0.934
170
1300
0.951
170
0.30
-1
0.009
42
0.931
169
1350
0.948
169
0.28
-2
0.011
51
0.931
168
1400
0.948
169
0.26
-4
0.011
53
0.935
167
1450
0.948
168
0.25
-5
0.011
55
0.927
167
1500
0.945
167
0.23
-6
0.012
64
0.927
165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com