Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD54003S-E Datasheet(PDF) 20 Page - STMicroelectronics

Part # PD54003S-E
Description  RF POWER transistor, LDMOST plastic family N-channel enhancement-mode, lateral MOSFETs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD54003S-E Datasheet(HTML) 20 Page - STMicroelectronics

Back Button PD54003S-E Datasheet HTML 16Page - STMicroelectronics PD54003S-E Datasheet HTML 17Page - STMicroelectronics PD54003S-E Datasheet HTML 18Page - STMicroelectronics PD54003S-E Datasheet HTML 19Page - STMicroelectronics PD54003S-E Datasheet HTML 20Page - STMicroelectronics PD54003S-E Datasheet HTML 21Page - STMicroelectronics PD54003S-E Datasheet HTML 22Page - STMicroelectronics PD54003S-E Datasheet HTML 23Page - STMicroelectronics PD54003S-E Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Common source s-parameter
PD54003-E, PD54003S-E
20/28
7.5
PD54003S (VDS = 7.5V, IDS = 500mA)
Table 11.
S-parameter
FREQ
IS11IS11
∠Φ
IS21IS21
∠Φ
IS12IS12
∠Φ
IS22IS22
∠Φ
(MHz)
50
0.805
-165
13.88
88
0.025
1
0.806
-164
100
0.838
-170
6.74
81
0.003
-6
0.80372
-171
150
0.863
-172
4.43
76
0.024
-10
0.840
-173
200
0.873
-174
3.27
71
0.024
-15
0.814
-174
250
0.880
-175
2.57
65
0.023
-18
0.827
-175
300
0.884
-176
2.10
60
0.022
-22
0.83481
-175
350
0.891
-176
1.75
56
0.022
-27
0.845
-175
400
0.901
-177
1.49
51
0.020
-28
0.857
-176
450
0.906
-177
1.27
47
0.018
-33
0.863
-176
500
0.914
-178
1.10
43
0.017
-35
0.877
-177
550
0.923
-178
0.97
39
0.017
-37
0.881
-177
600
0.927
-179
0.85
36
0.015
-36
0.892
-177
650
0.931
-179
0.76
33
0.014
-39
0.902
-178
700
0.934
-180
0.68
30
0.013
-38
0.908
-78
750
0.941
180
0.62
27
0.012
-40
0.914
-179
800
0.944
179
0.56
25
0.012
-47
0.918
-180
850
0.948
179
0.51
22
0.010
-47
0.920
180
900
0.949
178
0.46
19
0.009
-42
0.927
179
950
0.951
178
0.43
17
0.008
-46
0.933
178
1000
0.954
177
0.40
15
0.006
-42
0.936
178
1050
0.955
177
0.37
13
0.007
-36
0.937
177
1100
0.959
176
0.34
10
0.006
-38
0.939
177
1150
0.960
176
0.32
9
0.004
-42
0.942
176
1200
0.961
175
0.30
7
0.004
-23
0.943
176
1250
0.965
175
0.28
5
0.004
0
0.942
175
1300
0.960
174
0.26
4
0.0036
2
0.941
175
1350
0.961
174
0.24
2
0.004
20
0.941
174
1400
0.959
173
0.23
1
0.004
30
0.941
173
1450
0.960
173
0.24
1
0.004
40
0.949
173
1500
0.959
172
0.20
0
0.003
50
0.948
172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com