Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD54003S-E Datasheet(PDF) 19 Page - STMicroelectronics

Part # PD54003S-E
Description  RF POWER transistor, LDMOST plastic family N-channel enhancement-mode, lateral MOSFETs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD54003S-E Datasheet(HTML) 19 Page - STMicroelectronics

Back Button PD54003S-E Datasheet HTML 15Page - STMicroelectronics PD54003S-E Datasheet HTML 16Page - STMicroelectronics PD54003S-E Datasheet HTML 17Page - STMicroelectronics PD54003S-E Datasheet HTML 18Page - STMicroelectronics PD54003S-E Datasheet HTML 19Page - STMicroelectronics PD54003S-E Datasheet HTML 20Page - STMicroelectronics PD54003S-E Datasheet HTML 21Page - STMicroelectronics PD54003S-E Datasheet HTML 22Page - STMicroelectronics PD54003S-E Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
PD54003-E, PD54003S-E
Common source s-parameter
19/28
7.4
PD54003S (VDS = 7.5V, IDS = 50mA)
Table 10.
S-parameter
FREQ
IS11IIS21IIS12IS12
∠Φ
IS22IS22
∠Φ
(MHz)
50
0.749
-133
9.42
93
0.063
4
0.702
-130
100
0.760
-151
4.51
74
0.060
-15
0.706
-147
150
0.799
-157
2.81
62
0.055
-26
0.747
-153
200
0.837
-160
1.93
52
0.051
-36
0.790
-157
250
0.869
-163
1.41
43
0.046
-43
0.835
-160
300
0.893
-165
1.08
37
0.041
-49
0.861
-162
350
0.913
-167
0.84
31
0.037
-53
0.885
-165
400
0.932
-169
0.68
26
0.033
-58
0.905
-167
450
0.941
-170
0.55
21
0.029
-61
0.918
-169
500
0.949
-172
0.46
18
0.026
-66
0.931
-170
550
0.961
-173
0.39
14
0.024
-68
0.943
-172
600
0.965
-174
0.33
11
0.021
-69
0.947
-173
650
0.969
-176
0.29
9
0.019
-74
0.954
-174
700
0.970
-177
0.25
6
0.017
-73
0.960
-175
750
0.974
-177
0.22
4
0.016
-73
0.962
-177
800
0.977
-178
0.20
2
0.014
-77
0.965
-177
850
0.979
-179
0.18
1
0.012
-79
0.965
-178
900
0.977
-180
0.16
-1
0.011
-82
0.968
-179
950
0.978
180
0.15
-3
0.010
-80
0.971
-180
1000
0.982
179
0.13
-4
0.009
-82
0.973
179
1050
0.983
178
0.12
-6
0.007
-88
0.974
178
1100
0.982
177
0.13
-7
0.005
-88
0.969
178
1150
0.982
177
0.10
-8
0.005
-83
0.975
177
1200
0.982
176
0.10
-9
0.004
-87
0.975
176
1250
0.984
176
0.09
-11
0.000
-90
0.972
176
1300
0.980
175
0.08
-11
0.020
-81
0.970
175
1350
0.978
175
0.08
-12
0.001
-111
0.974
175
1400
0.977
174
0.07
-12
0.001
-61
0.970
174
1450
0.979
174
0.07
-11
0.001
19
0.971
173
1500
0.976
173
0.06
-13
0.002
138
0.970
173
S11
∠Φ
S21
∠Φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com