Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5259BCPZ50-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5259BCPZ50-R7
Description  Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5259BCPZ50-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD5259BCPZ50-R7 Datasheet HTML 1Page - Analog Devices AD5259BCPZ50-R7 Datasheet HTML 2Page - Analog Devices AD5259BCPZ50-R7 Datasheet HTML 3Page - Analog Devices AD5259BCPZ50-R7 Datasheet HTML 4Page - Analog Devices AD5259BCPZ50-R7 Datasheet HTML 5Page - Analog Devices AD5259BCPZ50-R7 Datasheet HTML 6Page - Analog Devices AD5259BCPZ50-R7 Datasheet HTML 7Page - Analog Devices AD5259BCPZ50-R7 Datasheet HTML 8Page - Analog Devices AD5259BCPZ50-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AD5259
Preliminary Technical Data
Rev. PrJ 7/22/04 | Page 5 of 14
I2C INTERFACE
Table 3. Generic Interface Format
S
Device Address*
(7-bit)
R/W SA C2 C1 C0 A4 A3 A2 A1 A0 SA D7 D6 D5 D4 D3 D2 D1 D0 SA
P
Slave Address Byte
Instruction Byte
Data Byte
Table 4. Device Address Lookup*
(Note that AD1 and AD0 are tri-state address pins)
Device
Address
0011000
0
0
0011001
NC
0
0011010
1
0
0101001
0
NC
0101010
NC
NC
0101011
1
NC
1001100
0
1
1001101
NC
1
1001110
1
1
AD1
AD0
S = Start Condition
P = Stop Condition
SA = Slave Acknowledge
MA = Master Acknowledge
NA = No Acknowledge
X = Don’t Care
W = Write
R = Read
Table 5. RDAC-to-EEMEM Interface Command Descriptions
C2
C1
C0
Command Description
0
0
0
Operation between I
2C and RDAC
0
0
1
Operation between I
2C and EEPROM
0
1
0
Operation between I
2C and WP register
1
0
0
NOP
1
0
1
Restore EEPROM to RDAC
1
1
0
Store RDAC to EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com