Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5259BCPZ50-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5259BCPZ50-R7
Description  Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5259BCPZ50-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5259BCPZ50-R7 Datasheet HTML 6Page - Analog Devices AD5259BCPZ50-R7 Datasheet HTML 7Page - Analog Devices AD5259BCPZ50-R7 Datasheet HTML 8Page - Analog Devices AD5259BCPZ50-R7 Datasheet HTML 9Page - Analog Devices AD5259BCPZ50-R7 Datasheet HTML 10Page - Analog Devices AD5259BCPZ50-R7 Datasheet HTML 11Page - Analog Devices AD5259BCPZ50-R7 Datasheet HTML 12Page - Analog Devices AD5259BCPZ50-R7 Datasheet HTML 13Page - Analog Devices AD5259BCPZ50-R7 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AD5259
Preliminary Technical Data
Rev. PrJ 7/22/04 | Page 11 of 14
ABSOLUTE MAXIMUM RATINGS1
(TA = +25°C, unless otherwise noted.)
Table 4
Parameter
Value
VDD to GND
–0.3 V to +7 V
VA, VB, VW to GND
VSS –0.3V, VDD+0.3V
IMAX
Pulsed1
Continuous
±20 mA
±5 mA
Digital Inputs and Output Voltage to GND
0 V to +7 V
Operating Temperature Range
–40°C to +85°C
Maximum Junction Temperature (TJMAX)
150°C
Storage Temperature
–65°C to +150°C
Lead Temperature (Soldering, 10 sec)
300°C
Thermal Resistance2 θJA: MSOP-10
200°C/W
NOTES
1 Maximum terminal current is bounded by the maximum current handling of
the switches, maximum power dissipation of the package, and maximum
applied voltage across any two of the A, B, and W terminals at a given
resistance.
2 Package power dissipation = (TJMAX – TA)/θJA.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com