Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5259BCPZ50-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5259BCPZ50-R7
Description  Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5259BCPZ50-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5259BCPZ50-R7 Datasheet HTML 6Page - Analog Devices AD5259BCPZ50-R7 Datasheet HTML 7Page - Analog Devices AD5259BCPZ50-R7 Datasheet HTML 8Page - Analog Devices AD5259BCPZ50-R7 Datasheet HTML 9Page - Analog Devices AD5259BCPZ50-R7 Datasheet HTML 10Page - Analog Devices AD5259BCPZ50-R7 Datasheet HTML 11Page - Analog Devices AD5259BCPZ50-R7 Datasheet HTML 12Page - Analog Devices AD5259BCPZ50-R7 Datasheet HTML 13Page - Analog Devices AD5259BCPZ50-R7 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
AD5259
Preliminary Technical Data
Rev. PrJ 7/22/04 | Page 13 of 14
Outline Dimensions
0.23
0.20
0.17
0.80
0.40
8°
0°
0.15
0.00
0.27
0.17
0.95
0.85
0.75
SEATING
PLANE
1.10 MAX
10
6
5
1
0.50 BSC
3.00 BSC
3.00 BSC
4.90 BSC
PIN 1
COMPLIANT TO JEDEC STANDARDS MO-187BA
COPLANARITY
0.10
Figure 3.
10-Lead Mini Small Outline Package [MSOP]
(RM-10)
Dimensions shown in millimeters
ORDERING GUIDE
Model
RAB (Ω)
Temperature
Package Description
Package Option
Branding
AD5259BRMZ51
5k
–40°C to +85°C
MSOP-10
RM-10
D4P
AD5259BRMZ5-RL71
5k
–40°C to +85°C
MSOP-10
RM-10
D4P
AD5259BRMZ101
10k
–40°C to +85°C
MSOP-10
RM-10
D4Q
AD5259BRMZ10-RL71
10k
–40°C to +85°C
MSOP-10
RM-10
D4Q
AD5259BRMZ501
50k
–40°C to +85°C
MSOP-10
RM-10
D4R
AD5259BRMZ50-RL71
50k
–40°C to +85°C
MSOP-10
RM-10
D4R
AD5259BRMZ1001
100k
–40°C to +85°C
MSOP-10
RM-10
D4S
AD5259BRMZ100-RL71
100k
–40°C to +85°C
MSOP-10
RM-10
D4S
1 Z = Pb-free part.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com