Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1524AMLF Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ICS1524AMLF
Description  Dual Output Phase Controlled SSTL_3/PECL Clock Generator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1524AMLF Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ICS1524AMLF Datasheet HTML 4Page - Renesas Technology Corp ICS1524AMLF Datasheet HTML 5Page - Renesas Technology Corp ICS1524AMLF Datasheet HTML 6Page - Renesas Technology Corp ICS1524AMLF Datasheet HTML 7Page - Renesas Technology Corp ICS1524AMLF Datasheet HTML 8Page - Renesas Technology Corp ICS1524AMLF Datasheet HTML 9Page - Renesas Technology Corp ICS1524AMLF Datasheet HTML 10Page - Renesas Technology Corp ICS1524AMLF Datasheet HTML 11Page - Renesas Technology Corp ICS1524AMLF Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
ICS1524A
8
Name:
Feedback Divider 0 Register / Feedback Divider 1 Register
Register:
2h, 3h
Index:
Read / Write*
Bit Name
Index
Bit #
Reset Value
Description
FBD 0-7
2
0 -7
FF
PLL Feedback Divider LSBs (0 -7).* When Bit 0 = 0, then the total
number of clocks per line is even. When Bit 0 = 1, then the total
number of clocks is odd.
FBD 8 -11
3
0 -3
F
PLL Feedback Divider MSBs (8 -11)*
Reserved
3
4 -7
Reserved
Feedback Divider Modulus
=
*Double-buffered registers. Actual working registers are loaded during software PLL reset.
See Register 8h for details.
Name:
DPA Offset Register
Register:
4h
Index:
Read / Write
Bit Name
Bit #
Reset Value
Description
DPA_OS0-5
0 - 5
0
Dynamic Phase Adjust Offset
Reserved
6
0
Reserved
Fil_Sel
7
0
Loop Filter Select
Bit
Name
Description
0-5
DPA_OS0-5
Dynamic Phase Adjust Offset.
Selects clock edge offset in discrete steps from zero to one clock period minus one step.
Resolution (number of delay elements per clock cycle) is selected by DPA_Res0-1 (Reg 5:0-1).
Note: Offsets equal to or greater than one clock period are neither recommended nor supported.
Example: For DPA_Res0-1=01H, the clock can be delayed from 0 to 31 steps.
7
Fil_Sel
Selects external loop filter (0) or internal loop filter (1).
The use of an external loop filter is strongly recommended for all designs. Typical loop filter
values are 6.8K Ohms for the series resistor, 3300 pF RF-type capacitor for the series capacitor,
and 33 pF for the shunt capacitor.
12
≤ Feedback Divider Modulus ≤ 4103
The value that is programmed into these two registers, plus a value of 8, defines the total number of clock periods that the ICS
1524 generates between HSYNCs. Program these registers with the total number of horizontal clocks per line minus 8.
3
g
e
R2
g
e
R
32
1
0
7
65
4
32
1
0
+8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com