Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1524AMLF Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ICS1524AMLF
Description  Dual Output Phase Controlled SSTL_3/PECL Clock Generator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1524AMLF Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ICS1524AMLF Datasheet HTML 8Page - Renesas Technology Corp ICS1524AMLF Datasheet HTML 9Page - Renesas Technology Corp ICS1524AMLF Datasheet HTML 10Page - Renesas Technology Corp ICS1524AMLF Datasheet HTML 11Page - Renesas Technology Corp ICS1524AMLF Datasheet HTML 12Page - Renesas Technology Corp ICS1524AMLF Datasheet HTML 13Page - Renesas Technology Corp ICS1524AMLF Datasheet HTML 14Page - Renesas Technology Corp ICS1524AMLF Datasheet HTML 15Page - Renesas Technology Corp ICS1524AMLF Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
ICS1524A
12
Name:
Chip Version Register
Register:
10 h
Index:
Read
Bit Name
Bit #
Reset Value
Description
Chip Ver
0-7
17
Chip Version 24 (18h )
Name:
Chip Revision Register
Register:
11h
Index:
Read
Bit Name
Bit #
Reset Value
Description
Chip Rev
0 -7
01+
Initial value 01h.
+Value increments with each all-layer change.
Name:
Status Register
Register:
12 h
Index:
Read
Bit Name
Bit #
Reset Value
Description
DPA_Lock
0
N/A
DPA Lock Status
PLL_Lock
1
N/A
PLL Lock Status
Reserved
2 -7
0
Reserved
Bit
Name
Description
0
DPA_Lock
DPA Lock Status. (Refer to Register 0h, bits 6 and 7.)
0 = Unlocked
1 = Locked
1
PLL_Lock
PLL Lock Status. (Refer to Register 0h, bits 6 and 7.)
0 = Unlocked
1 = Locked
2 -7
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com