Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1524AMLF Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ICS1524AMLF
Description  Dual Output Phase Controlled SSTL_3/PECL Clock Generator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1524AMLF Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ICS1524AMLF Datasheet HTML 17Page - Renesas Technology Corp ICS1524AMLF Datasheet HTML 18Page - Renesas Technology Corp ICS1524AMLF Datasheet HTML 19Page - Renesas Technology Corp ICS1524AMLF Datasheet HTML 20Page - Renesas Technology Corp ICS1524AMLF Datasheet HTML 21Page - Renesas Technology Corp ICS1524AMLF Datasheet HTML 22Page - Renesas Technology Corp ICS1524AMLF Datasheet HTML 23Page - Renesas Technology Corp ICS1524AMLF Datasheet HTML 24Page - Renesas Technology Corp ICS1524AMLF Datasheet HTML 25Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21
ICS1524A
ICS1524A Rev F 05/13/10
l
o
b
m
y
Sn
o
i
t
p
i
r
c
s
e
D
g
n
i
m
i
Tn
i
Mp
y
Tx
a
Ms
t
i
n
U
t0
y
a
l
e
d
F
E
R
o
t
C
N
Y
S
H3
.
1
15
.
1
12
1s
n
t1
y
a
l
e
d
k
c
o
l
c
L
C
E
P
o
t
F
E
R0
.
1
-8
.
02
.
2s
n
t2 t
, 3
e
l
c
y
c
y
t
u
d
k
c
o
l
c
L
C
E
P5
40
55
5%
t4
y
a
l
e
d
k
c
o
l
c
3
_
L
T
S
S
o
t
k
c
o
l
c
L
C
E
P2
.
05
7
.
02
.
1s
n
t5
y
a
l
e
d
T
U
O
_
C
N
U
F
o
t
k
c
o
l
c
L
C
E
P5
.
19
.
13
.
2s
n
t6
k
c
o
l
c
2
/
L
C
E
P
o
t
k
c
o
l
c
L
C
E
P0
.
13
.
15
.
1s
n
t7
y
a
l
e
d
2
/
K
L
C
–
3
_
L
T
S
S
o
t
k
c
o
l
c
L
C
E
P1
.
14
.
18
.
1s
n
t8 t
, 9
e
l
c
y
c
y
t
u
d
k
c
o
l
c
L
T
S
S5
40
55
5%
*Note: Measured at 3.6V 0°C, 135-MHz output frequency, PECL clock lines to 75
Οηµ termination, SSTL_3 clock lines
unterminated, 20-pF load. Transition times vary based on termination.
Typical Transition Times*
Output Timing*
REF
HSYNC
PECL CLK-
PECL CLK+
SSTL-CLK
FUNC_OUT
t0
tR
tS
tF
t5
t4
t8
t9
t1
t2
t3
t p
PECL DPACLK-
PECL DPACLK+
SSTL-DPACLK
FUNC
t
DPA
t8
t9
tS
tF
t4
t1
t2
t3
tp
l
o
b
m
y
Sn
o
i
t
p
i
r
c
s
e
D
g
n
i
m
i
Te
s
i
Rl
l
a
Fs
t
i
n
U
tR
F
E
R8
.
28
.
1s
n
tP
K
L
C
L
C
E
P0
.
12
.
1s
n
tS
K
L
C
-
L
T
S
S6
.
17
.
0s
n
tF
T
U
O
_
C
N
U
F2
.
10
.
1s
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com