Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8535-01 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS8535-01
Description  Low Skew, 1-to-4 LVCMOS/LVTTL-to-3.3V LVPECL Fanout Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8535-01 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS8535-01 Datasheet HTML 1Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 2Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 3Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 4Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 5Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 6Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 7Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 8Page - Renesas Technology Corp ICS8535-01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
REVISION F 08/11/14
3
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-3.3V LVPECL
FANOUT BUFFER
ICS8535-01 DATA SHEET
Figure 1. CLK_EN Timing Diagram
Table 3A. Control Input Function Table
Inputs
Outputs
CLK_EN
CLK_SEL
Selected Source
Q0:Q3
nQ0:nQ3
0
0
CLK0
Disabled; LOW
Disabled; HIGH
0
1
CLK1
Disabled; LOW
Disabled; HIGH
1
0
CLK0
Enabled
Enabled
1
1
CLK1
Enabled
Enabled
Enabled
Disabled
CLK0, CLK1
CLK_EN
nQ0:nQ3
Q0:Q3
Table 3B. Clock Input Function Table
Inputs
Outputs
CLK0 or CLK1
Q0:Q3
nQ0:nQ3
0
LOW
HIGH
1
HIGH
LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com